Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9230 Datasheet (PDF) - Motorola, Inc

MPC9230 Datasheet PDF - Motorola, Inc
Part # MPC9230
Download  MPC9230 Download
File Size   296.33 Kbytes
Page   16 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 800 MHz Low Voltage PECL Clock Synthesizer

MPC9230 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC9230 Datasheet PDF - Motorola, Inc

Part # MPC9230
Download  MPC9230 Click to download

File Size   296.33 Kbytes
Page   16 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 800 MHz Low Voltage PECL Clock Synthesizer

MPC9230 Datasheet (HTML) - Motorola, Inc


MPC9230 Product details

800 MHz Low Voltage PECL Clock Synthesizer

The MPC9230 is a 3.3V compatible, PLL based clock synthesizer targeted for high performance clock generation in mid-range to high-performance telecom, networking and computing applications. With output frequencies from 50 MHz to 800 MHz1 and the support of differential PECL output signals the device meets the needs of the most demanding clock applications.

Features
• 50 MHz to 800 MHz1 synthesized clock output signal
• Differential PECL output
• LVCMOS compatible control inputs
• On-chip crystal oscillator for reference frequency generation
• Alternative LVCMOS compatible reference clock input
• 3.3V power supply
• Fully integrated PLL
• Minimal frequency overshoot
• Serial 3-wire programming interface
• Parallel programming interface for power-up
• 32 lead LQFP and 28 PLCC packaging
• 32-Lead Pb-free Package Available
• SiGe Technology
• Ambient temperature range -40°C to +85°C
• Pin and function compatible to the MC12430




Similar Part No. - MPC9230

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MPC9230 IDT-MPC9230 Datasheet
800Kb / 16P
800MHz Low Voltage PECL Clock Synthesizer
More results


Similar Description - MPC9230

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS507-01 ICST-ICS507-01 Datasheet
49Kb / 5P
PECL Clock Synthesizer
Revision 042600
logo
Motorola, Inc
MPC9229 MOTOROLA-MPC9229 Datasheet
366Kb / 12P
400 MHz Low Voltage PECL Clock Synthesizer
logo
List of Unclassifed Man...
NB4N507A ETC-NB4N507A Datasheet
131Kb / 7P
3.3V/5V, 50 MHz to 200 MHz PECL Clock Synthesizer
logo
Motorola, Inc
MPC92429 MOTOROLA-MPC92429 Datasheet
216Kb / 12P
400 MHz Low Voltage PECL Clock Synthesizer
logo
Freescale Semiconductor...
MPC9239 FREESCALE-MPC9239 Datasheet
358Kb / 14P
900 MHz Low Voltage LVPECL Clock Synthesizer
logo
Integrated Device Techn...
MPC9230 IDT-MPC9230 Datasheet
800Kb / 16P
800MHz Low Voltage PECL Clock Synthesizer
MPC92469 IDT-MPC92469 Datasheet
913Kb / 12P
400 MHz Low Voltage PECL Clock Synthesizer w/Spread Spectrum
logo
ON Semiconductor
NB4N507A ONSEMI-NB4N507A_09 Datasheet
134Kb / 8P
3.3V/5V, 50 MHz to 200 MHz PECL Clock Synthesizer
September, 2007 - Rev. 3
logo
Renesas Technology Corp
MPC9229 RENESAS-MPC9229 Datasheet
532Kb / 15P
400MHz Low Voltage PECL Clock Synthesizer
2019
ICS507-01 RENESAS-ICS507-01 Datasheet
324Kb / 8P
PECL CLOCK SYNTHESIZER
041905
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com