Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9230 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPC9230
Description  800 MHz Low Voltage PECL Clock Synthesizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9230 Datasheet(HTML) 1 Page - Motorola, Inc

  MPC9230 Datasheet HTML 1Page - Motorola, Inc MPC9230 Datasheet HTML 2Page - Motorola, Inc MPC9230 Datasheet HTML 3Page - Motorola, Inc MPC9230 Datasheet HTML 4Page - Motorola, Inc MPC9230 Datasheet HTML 5Page - Motorola, Inc MPC9230 Datasheet HTML 6Page - Motorola, Inc MPC9230 Datasheet HTML 7Page - Motorola, Inc MPC9230 Datasheet HTML 8Page - Motorola, Inc MPC9230 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Motorola, Inc. 2004
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order number: MPC9230
Rev 4, 07/2004
800 MHz Low Voltage PECL
Clock Synthesizer
The MPC9230 is a 3.3V compatible, PLL based clock synthesizer targeted
for high performance clock generation in mid-range to high-performance
telecom, networking and computing applications. With output frequencies from
50 MHz to 800 MHz1 and the support of differential PECL output signals the
device meets the needs of the most demanding clock applications.
Features
•
50 MHz to 800 MHz1 synthesized clock output signal
•
Differential PECL output
•
LVCMOS compatible control inputs
•
On-chip crystal oscillator for reference frequency generation
•
Alternative LVCMOS compatible reference clock input
•
3.3V power supply
•
Fully integrated PLL
•
Minimal frequency overshoot
•
Serial 3-wire programming interface
•
Parallel programming interface for power-up
•
32 lead LQFP and 28 PLCC packaging
•
32-Lead Pb-free Package Available
•
SiGe Technology
•
Ambient temperature range -40
°C to +85°C
•
Pin and function compatible to the MC12430
Functional Description
The internal crystal oscillator uses the external quartz crystal as the basis of its frequency reference. The frequency of the internal
crystal oscillator is divided by 16 and then multiplied by the PLL. The VCO within the PLL operates over a range of 800 to 1600 MHz.1
Its output is scaled by a divider that is configured by either the serial or parallel interfaces. The crystal oscillator frequency fXTAL, the
PLL feedback-divider M and the PLL post-divider N determine the output frequency.
The feedback path of the PLL is internal. The PLL adjusts the VCO output frequency to be 8
⋅M times the reference frequency by
adjusting the VCO control voltage. Note that for some values of M (either too high or too low) the PLL will not achieve phase lock. The
PLL will be stable if the VCO frequency is within the specified VCO frequency range (800 to 1600 MHz1). The M-value must be pro-
grammed by the serial or parallel interface.
The PLL post-divider N is configured through either the serial or the parallel interfaces, and can provide one of four division ratios
(1, 2, 4, or 8). This divider extends performance of the part while providing a 50% duty cycle. The output driver is driven differentially
from the output divider, and is capable of driving a pair of transmission lines terminated 50
Ω to VCC – 2.0V. The positive supply voltage
for the internal PLL is separated from the power supply for the core logic and output drivers to minimize noise induced jitter.
The configuration logic has two sections: serial and parallel. The parallel interface uses the values at the M[8:0] and N[1:0] inputs
to configure the internal counters. It is recommended on system reset to hold the P_LOAD input LOW until power becomes valid. On
the LOW–to–HIGH transition of P_LOAD, the parallel inputs are captured. The parallel interface has priority over the serial interface.
Internal pullup resistors are provided on the M[8:0] and N[1:0] inputs prevent the LVCMOS compatible control inputs from floating.
The serial interface centers on a fourteen bit shift register. The shift register shifts once per rising edge of the S_CLOCK input. The
serial input S_DATA must meet setup and hold timing as specified in the AC Characteristics section of this document. The configura-
tion latches will capture the value of the shift register on the HIGH-to-LOW edge of the S_LOAD input. See the programming section
for more information. The TEST output reflects various internal node values, and is controlled by the T[2:0] bits in the serial data
stream. In order to minimize the PLL jitter, it is recommended to avoid active signal on the TEST output.
1. The VCO frequency range of 800–1600 MHz is available at an ambient temperature range of 0 to 70°C. At –40 to +85°C, the VCO frequency (output
frequency) is limited to max. 1500 MHz (750 MHz)
MPC9230
800 MHz LOW VOLTAGE
CLOCK SYNTHESIZER
FA SUFFIX
32-LEAD TQFP PACKAGE
CASE 873A-03
FN SUFFIX
28-LEAD PLCC PACKAGE
CASE 776-02
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPC9230

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MPC9230 IDT-MPC9230 Datasheet
800Kb / 16P
800MHz Low Voltage PECL Clock Synthesizer
More results

Similar Description - MPC9230

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS507-01 ICST-ICS507-01 Datasheet
49Kb / 5P
PECL Clock Synthesizer
Revision 042600
logo
Motorola, Inc
MPC9229 MOTOROLA-MPC9229 Datasheet
366Kb / 12P
400 MHz Low Voltage PECL Clock Synthesizer
logo
List of Unclassifed Man...
NB4N507A ETC-NB4N507A Datasheet
131Kb / 7P
3.3V/5V, 50 MHz to 200 MHz PECL Clock Synthesizer
logo
Motorola, Inc
MPC92429 MOTOROLA-MPC92429 Datasheet
216Kb / 12P
400 MHz Low Voltage PECL Clock Synthesizer
logo
Freescale Semiconductor...
MPC9239 FREESCALE-MPC9239 Datasheet
358Kb / 14P
900 MHz Low Voltage LVPECL Clock Synthesizer
logo
Integrated Device Techn...
MPC9230 IDT-MPC9230 Datasheet
800Kb / 16P
800MHz Low Voltage PECL Clock Synthesizer
MPC92469 IDT-MPC92469 Datasheet
913Kb / 12P
400 MHz Low Voltage PECL Clock Synthesizer w/Spread Spectrum
logo
ON Semiconductor
NB4N507A ONSEMI-NB4N507A_09 Datasheet
134Kb / 8P
3.3V/5V, 50 MHz to 200 MHz PECL Clock Synthesizer
September, 2007 - Rev. 3
logo
Renesas Technology Corp
MPC9229 RENESAS-MPC9229 Datasheet
532Kb / 15P
400MHz Low Voltage PECL Clock Synthesizer
2019
ICS507-01 RENESAS-ICS507-01 Datasheet
324Kb / 8P
PECL CLOCK SYNTHESIZER
041905
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com