Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9229 Datasheet (PDF) - Renesas Technology Corp

MPC9229 Datasheet PDF - Renesas Technology Corp
Part # MPC9229
Download  MPC9229 Download
File Size   532.83 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 400MHz Low Voltage PECL Clock Synthesizer

MPC9229 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC9229 Datasheet PDF - Renesas Technology Corp

Part # MPC9229
Download  MPC9229 Click to download

File Size   532.83 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 400MHz Low Voltage PECL Clock Synthesizer

MPC9229 Datasheet (HTML) - Renesas Technology Corp


MPC9229 Product details

The MPC9229 is a 3.3 V compatible, PLL based clock synthesizer targeted for high
performance clock generation in mid-range to high-performance telecom, networking and
computing applications. With output frequencies from 25 MHz to 400 MHz and the support of
differential PECL output signals the device meets the needs of the most demanding clock
applications.
Features
• 25 MHz to 400 MHz Synthesized Clock Output Signal
• Differential PECL Output
• LVCMOS Compatible Control Inputs
• On-Chip Crystal Oscillator for Reference Frequency Generation
• 3.3-V Power Supply
• Fully Integrated PLL
• Minimal Frequency Overshoot
• Serial 3-Wire Programming Interface
• Parallel Programming Interface for Power-Up
• 32-Lead LQFP and 28-Lead PLCC Packaging
• 32-Lead and 28-Lead Pb-Free Package
• SiGe Technology
• Ambient Temperature Range 0°C to +70°C
• Pin and Function Compatible to the MC12429
• Replacement part: ICS84329B




Similar Part No. - MPC9229

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9229 MOTOROLA-MPC9229 Datasheet
366Kb / 12P
400 MHz Low Voltage PECL Clock Synthesizer
More results


Similar Description - MPC9229

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK111 PHILIPS-PCK111 Datasheet
65Kb / 8P
Low voltage 1:10 differential PECL clock driver
2001 Sep 07
logo
Agere Systems
LCK4802 AGERE-LCK4802 Datasheet
156Kb / 10P
Low-Voltage PECL Differential Clock
July 2001
logo
Integrated Circuit Syst...
ICS507-01 ICST-ICS507-01 Datasheet
49Kb / 5P
PECL Clock Synthesizer
Revision 042600
logo
Motorola, Inc
MPC9229 MOTOROLA-MPC9229 Datasheet
366Kb / 12P
400 MHz Low Voltage PECL Clock Synthesizer
MPC9230 MOTOROLA-MPC9230 Datasheet
296Kb / 16P
800 MHz Low Voltage PECL Clock Synthesizer
MPC92429 MOTOROLA-MPC92429 Datasheet
216Kb / 12P
400 MHz Low Voltage PECL Clock Synthesizer
logo
Integrated Device Techn...
MPC9230 IDT-MPC9230 Datasheet
800Kb / 16P
800MHz Low Voltage PECL Clock Synthesizer
MPC92469 IDT-MPC92469 Datasheet
913Kb / 12P
400 MHz Low Voltage PECL Clock Synthesizer w/Spread Spectrum
logo
Renesas Technology Corp
MPC92439 RENESAS-MPC92439 Datasheet
651Kb / 17P
900MHz, Low Voltage LVPECL Clock Synthesizer
2019
ICS507-01 RENESAS-ICS507-01 Datasheet
324Kb / 8P
PECL CLOCK SYNTHESIZER
041905
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com