Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9239FN Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC9239FN
Description  900 MHz Low Voltage LVPECL Clock Synthesizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9239FN Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC9239FN Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC9239FN Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC9239FN Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC9239FN Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC9239FN Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC9239FN Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC9239FN Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9239FN Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9239FN Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Advanced Clock Drivers Devices
Freescale Semiconductor
3
MPC9239
Table 1. Pin Configurations
Pin
I/O
Default
Type
Function
XTAL_IN, XTAL_OUT
Analog
Crystal oscillator interface.
fREF_EXT
Input
0
LVCMOS Alternative PLL reference input.
fOUT, fOUT
Output
LVPECL
Differential clock output.
TEST
Output
LVCMOS Test and device diagnosis output.
XTAL_SEL
Input
1
LVCMOS PLL reference select input.
PWR_DOWN
Input
0
LVCMOS Configuration input for power down mode. Assertion (deassertion) of power down
will decrease (increase) the output frequency by a ratio of 16 in 4 discrete steps.
PWR_DOWN assertion (deassertion) is synchronous to the input reference clock.
S_LOAD
Input
0
LVCMOS Serial configuration control input. This inputs controls the loading of the
configuration latches with the contents of the shift register. The latches will be
transparent when this signal is high, thus the data must be stable on the high-to-low
transition.
P_LOAD
Input
1
LVCMOS Parallel configuration control input. this input controls the loading of the
configuration latches with the content of the parallel inputs (M and N). The latches
will be transparent when this signal is low, thus the parallel data must be stable on
the low-to-high transition of P_LOAD. P_LOAD is state sensitive.
S_DATA
Input
0
LVCMOS Serial configuration data input.
S_CLOCK
Input
0
LVCMOS Serial configuration clock input.
M[0:6]
Input
1
LVCMOS Parallel configuration for PLL feedback divider (M).
M is sampled on the low-to-high transition of P_LOAD.
N[1:0]
Input
1
LVCMOS Parallel configuration for Post-PLL divider (N).
N is sampled on the low-to-high transition of P_LOAD.
OE
Input
1
LVCMOS Output enable (active high).
The output enable is synchronous to the output clock to eliminate the possibility of
runt pulses on the fOUT output. OE = L low stops fOUT in the logic low stat
(fOUT = L, fOUT =H).
GND
Supply
Ground
Negative power supply (GND).
VCC
Supply
VCC
Positive power supply for I/O and core. All VCC pins must be connected to the
positive power supply for correct operation.
VCC_PLL
Supply
VCC
PLL positive power supply (analog power supply).
NC
Do not connect.
Table 2. Output Frequency Range and PLL Post-Divider N
PWR_DOWN
N
VCO Output Frequency
Division
fOUT Frequency Range
1
0
0
0
0
2
200 – 450 MHz
0
0
1
4
100 – 225 MHz
0
1
0
8
50 – 112.5 MHz
0
1
1
1
400 – 900 MHz
1
0
0
32
12.5 – 28.125 MHz
1
0
1
64
6.25 – 14.0625 MHz
1
1
0
128
3.125 – 7.03125 MHz
1
1
1
16
25 – 56.25 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com