Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9239FN Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPC9239FN
Description  900 MHz Low Voltage LVPECL Clock Synthesizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9239FN Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC9239FN Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC9239FN Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC9239FN Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC9239FN Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC9239FN Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC9239FN Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9239FN Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9239FN Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC9239FN Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Advanced Clock Drivers Devices
6
Freescale Semiconductor
MPC9239
Table 8. MPC9239 Frequency Operating Range (in MHz)
M
M[6:0]
VCO frequency for a crystal interface frequency of
Output frequency for fXTAL = 16 MHz and for N =
10 MHz 12 MHz 14 MHz 16 MHz 18 MHz 20 MHz
1
2
4
8
20
0010100
800
21
0010101
840
22
0010110
880
23
0010111
828
920
24
0011000
864
960
25
0011001
800
900
1000
400
200
100
50
26
0011010
832
936
1040
416
208
104
52
27
0011011
864
972
1080
432
216
108
54
28
0011100
812
896
1008
1120
448
224
112
56
29
0011101
840
928
1044
1160
464
232
116
58
30
0011110
875
960
1080
1200
480
240
120
60
31
0011111
868
992
1116
1240
496
248
124
62
32
0100000
896
1024
1152
1280
512
256
128
64
33
0100001
924
1056
1188
1320
528
264
132
66
34
0100010
816
952
1088
1224
1360
544
272
136
68
35
0100011
840
980
1120
1260
1400
560
280
140
70
36
0100100
864
1008
1152
1296
1440
576
288
144
72
37
0100101
888
1036
1184
1332
1480
592
296
148
74
38
0100110
912
1064
1216
1368
1520
608
304
152
76
39
0100111
936
1092
1248
1404
1560
624
312
156
78
40
0101000
800
960
1120
1280
1440
1600
640
320
160
80
41
0101001
820
984
1148
1312
1476
1640
656
328
164
82
42
0101010
840
1008
1176
1344
1512
1680
672
336
168
84
43
0101011
860
1032
1204
1376
1548
1720
688
344
172
86
44
0101100
880
1056
1232
1408
1584
1760
704
352
176
88
45
0101101
900
1080
1260
1440
1620
1800
720
360
180
90
46
0101110
920
1104
1288
1472
1656
736
368
184
92
47
0101111
940
1128
1316
1504
1692
752
376
188
94
48
0110000
960
1152
1344
1536
1728
768
384
192
96
49
0110001
980
1176
1372
1568
1764
784
392
196
98
50
0110010
1000
1200
1400
1600
1800
800
400
200
100
51
0110011
1020
1224
1428
1632
816
408
204
102
52
0110100
1040
1248
1456
1664
832
416
208
104
53
0110101
1060
1272
1484
1696
848
424
212
106
54
0110110
1080
1296
1512
1728
864
432
216
108
55
0110111
1100
1320
1540
1760
880
440
220
110
56
0111000
1120
1344
1568
1792
896
448
224
112
57
0111001
1140
1368
1596
58
0111010
1160
1392
1624
59
0111011
1180
1416
1652
60
0111100
1200
1440
1680
61
0111101
1220
1488
1736
62
0111110
1260
1512
1764
63
0111111
1260
1512
1764
64
1000000
1280
1536
1792
...
...
...
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com