Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9239FN Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC9239FN
Description  900 MHz Low Voltage LVPECL Clock Synthesizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9239FN Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC9239FN Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC9239FN Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC9239FN Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC9239FN Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC9239FN Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC9239FN Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC9239FN Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9239FN Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9239FN Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Advanced Clock Drivers Devices
2
Freescale Semiconductor
MPC9239
Figure 1. MPC9239 Logic Diagram
Figure 2. MPC9239 28-Lead PLCC Pinout
(Top View)
Figure 3. MPC9239 32-Lead LQFP Pinout
(Top View)
XTAL_IN
XTAL_OUT
S_LOAD
S_DATA
S_CLOCK
M[0:6]
XTAL
11
00
01
10
M-LATCH
N-LATCH
10 – 20 MHz
T-LATCH
2
TEST
3
LE
0
BITS 11-5
BITS 3-4
BITS 0-2
12-BIT SHIFT REGISTER
N[1:0]
OE
P/S
÷1
÷2
÷4
÷8
fOUT
TEST
VCC
VCC
XTAL_SEL
fREF_EXT
VCC
1
0
÷16
1
0
PWR_DOWN
÷2
PLL
Ref
FB
VCO
800 – 1800 MHz
÷0 TO ÷127
7-BIT M-DIVIDER
9
÷2
÷2
OE
1
01
P_LOAD
fOUT
1
4
3
2
2
8
2
7
2
6
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
78
6
5
S_CLOCK
N[1]
N[0]
NC
XTAL_SEL
M[6]
M[5]
M[4]
S_DATA
S_LOAD
VCC_PLL
PWR_DOWN
fREF_EXT
XTAL_IN
MPC9239
GND
TEST
VCC
VCC
GND
fOUT
fOUT
NC
M[3]
M[2]
M[1]
M[0]
P_LOAD
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
12
34
56
7
8
24 23 22 21 20 19 18 17
16
VCC
OE
XTAL_OUT
MPC9239



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com