Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT2EM Datasheet(PDF) 4 Page - ON Semiconductor

Part # MCT2EM
Description  6-Pin General Purpose Phototransistor Optocouplers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCT2EM Datasheet(HTML) 4 Page - ON Semiconductor

  MCT2EM Datasheet HTML 1Page - ON Semiconductor MCT2EM Datasheet HTML 2Page - ON Semiconductor MCT2EM Datasheet HTML 3Page - ON Semiconductor MCT2EM Datasheet HTML 4Page - ON Semiconductor MCT2EM Datasheet HTML 5Page - ON Semiconductor MCT2EM Datasheet HTML 6Page - ON Semiconductor MCT2EM Datasheet HTML 7Page - ON Semiconductor MCT2EM Datasheet HTML 8Page - ON Semiconductor MCT2EM Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.onsemi.com
4
Electrical Characteristics
TA = 25°C unless otherwise specified.
Individual Component Characteristics
Transfer Characteristics
Isolation Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
EMITTER
VF
Input Forward Voltage
IF = 10 mA
1.18
1.50
V
IR
Reverse Leakage Current
VR = 6.0 V
0.001
10
µA
DETECTOR
BVCEO
Collector-to-Emitter Breakdown Voltage IC = 1.0 mA, IF = 0
30
100
V
BVCBO
Collector-to-Base Breakdown Voltage
IC = 100 µA, IF = 0
70
120
V
BVEBO
Emitter-to-Base Breakdown Voltage
IE = 10 uA, IF = 0
7
10
V
BVECO
Emitter-to-Collector Breakdown Voltage IE = 100 µA, IF = 0
7
10
V
ICEO
Collector-to-Emitter Dark Current
VCE = 10 V, IF = 0
1
50
nA
ICBO
Collector-to-Base Dark Current
VCB = 10 V
20
nA
CCE
Capacitance
VCE = 0 V, f = 1 MHz
8
pF
Symbol
Parameter
Test Conditions
Device
Min.
Typ.
Max.
Unit
DC CHARACTERISTICS
CTR
Current Transfer Ratio,
Collector-to-Emitter
IF = 10 mA, VCE = 10 V
MCT2EM
20
%
TIL117M
50
%
VCE (SAT)
Collector-to-Emitter
Saturation Voltage
IC = 2 mA, IF = 16 mA
MCT2EM, TIL111M
0.4
V
IC = 0.5 mA, IF = 10 mA
TIL117M
0.4
V
AC CHARACTERISTICS
TON
Non-Saturated
Turn-on Time
IF = 10 mA, VCC = 10 V,
RL = 100 Ω (Figure 13)
MCT2EM
2
µs
IC = 2 mA, VCC = 10 V,
RL = 100 Ω (Figure 13)
TIL117M
2
10
µs
TOFF
Turn-off Time
IF = 10 mA, VCC = 10 V,
RL = 100 Ω (Figure 13)
MCT2EM
2
µs
IC = 2 mA, VCC = 10 V,
RL = 100 Ω (Figure 13)
TIL117M
2
10
µs
Symbol
Characteristic
Test Conditions
Min.
Typ.
Max.
Unit
VISO
Input-Output Isolation Voltage t = 1 Minute
4170
VACRMS
CISO
Isolation Capacitance
VI-O = 0 V, f = 1 MHz
0.2
pF
RISO
Isolation Resistance
VI-O = ±500 VDC, TA = 25°C
1011
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com