Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT2EM Datasheet(PDF) 3 Page - ON Semiconductor

Part # MCT2EM
Description  6-Pin General Purpose Phototransistor Optocouplers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCT2EM Datasheet(HTML) 3 Page - ON Semiconductor

  MCT2EM Datasheet HTML 1Page - ON Semiconductor MCT2EM Datasheet HTML 2Page - ON Semiconductor MCT2EM Datasheet HTML 3Page - ON Semiconductor MCT2EM Datasheet HTML 4Page - ON Semiconductor MCT2EM Datasheet HTML 5Page - ON Semiconductor MCT2EM Datasheet HTML 6Page - ON Semiconductor MCT2EM Datasheet HTML 7Page - ON Semiconductor MCT2EM Datasheet HTML 8Page - ON Semiconductor MCT2EM Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.onsemi.com
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only. TA = 25°C unless otherwise specified.
Symbol
Parameter
Device
Value
Unit
TOTAL DEVICE
TSTG
Storage Temperature
All
-40 to +125
°C
TOPR
Operating Temperature
All
-40 to +100
°C
TJ
Junction Temperature
All
-40 to +125
ºC
TSOL
Lead Solder Temperature
All
260 for 10 seconds
°C
PD
Total Device Power Dissipation @ TA = 25°C
All
250
mW
Derate Above 25°C
All
2.94
mW/°C
EMITTER
IF
DC/Average Forward Input Current
All
60
mA
VR
Reverse Input Voltage
TIL111M
3
V
MCT2EM, TIL117M
6
V
IF(pk)
Forward Current – Peak (300 µs, 2% Duty Cycle)
All
3
A
PD
LED Power Dissipation @ TA = 25°C
All
120
mW
Derate Above 25°C
All
1.41
mW/°C
DETECTOR
VCEO
Collector-to-Emitter Voltage
All
30
V
VCBO
Collector-to-Base Voltage
All
70
V
VECO
Emitter-to-Collector Voltage
All
7
V
VEBO
Emitter-to-Base Voltage
All
7
V
PD
Detector Power Dissipation @ TA = 25°C
All
150
mW
Derate Above 25°C
All
1.76
mW/°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com