Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT2EM Datasheet(PDF) 8 Page - ON Semiconductor

Part # MCT2EM
Description  6-Pin General Purpose Phototransistor Optocouplers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCT2EM Datasheet(HTML) 8 Page - ON Semiconductor

  MCT2EM Datasheet HTML 1Page - ON Semiconductor MCT2EM Datasheet HTML 2Page - ON Semiconductor MCT2EM Datasheet HTML 3Page - ON Semiconductor MCT2EM Datasheet HTML 4Page - ON Semiconductor MCT2EM Datasheet HTML 5Page - ON Semiconductor MCT2EM Datasheet HTML 6Page - ON Semiconductor MCT2EM Datasheet HTML 7Page - ON Semiconductor MCT2EM Datasheet HTML 8Page - ON Semiconductor MCT2EM Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.onsemi.com
8
Ordering Information
Note:
2. The product orderable part number system listed in this table also applies to the TIL111M and TIL117M devices.
Marking Information
Figure 15. Top Mark
Table 1. Top Mark Definitions
Part Number
Package
Packing Method
MCT2EM
DIP 6-Pin
Tube (50 Units)
MCT2ESM
SMT 6-Pin (Lead Bend)
Tube (50 Units)
MCT2ESR2M
SMT 6-Pin (Lead Bend)
Tape and Reel (1000 Units)
MCT2EVM
DIP 6-Pin, DIN EN/IEC60747-5-5 Option
Tube (50 Units)
MCT2ESVM
SMT 6-Pin (Lead Bend), DIN EN/IEC60747-5-5 Option
Tube (50 Units)
MCT2ESR2VM
SMT 6-Pin (Lead Bend), DIN EN/IEC60747-5-5 Option
Tape and Reel (1000 Units)
MCT2ETVM
DIP 6-Pin, 0.4” Lead Spacing, DIN EN/IEC60747-5-5 Option
Tube (50 Units)
1
ON Semiconductor Logo
2
Device Number
3
DIN EN/IEC60747-5-5 Option (only appears on component ordered with this option)
4
One-Digit Year Code, e.g., “6”
5
Digit Work Week, Ranging from “01” to “53”
6
Assembly Package Code
MCT2E
V X YY Q
1
2
6
4
3
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com