Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOC3063M. Datasheet(PDF) 6 Page - ON Semiconductor

Part # MOC3063M.
Description  6-Pin DIP Zero-Cross Triac Driver Optocoupler (600 Volt Peak)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MOC3063M. Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MOC3063M. Datasheet HTML 2Page - ON Semiconductor MOC3063M. Datasheet HTML 3Page - ON Semiconductor MOC3063M. Datasheet HTML 4Page - ON Semiconductor MOC3063M. Datasheet HTML 5Page - ON Semiconductor MOC3063M. Datasheet HTML 6Page - ON Semiconductor MOC3063M. Datasheet HTML 7Page - ON Semiconductor MOC3063M. Datasheet HTML 8Page - ON Semiconductor MOC3063M. Datasheet HTML 9Page - ON Semiconductor MOC3063M. Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MOC3061M, MOC3062M, MOC3063M, MOC3162M, MOC3163M
www.onsemi.com
6
APPLICATION INFORMATION
Basic Applications
Typical circuit for use when hot line switching is required.
In this circuit the “hot” side of the line is switched and the
load connected to the cold or neutral side. The load may be
connected to either the neutral or hot line.
Rin is calculated so that IF is equal to the rated IFT of the
part, 15 mA for the MOC3061M, 10 mA for the
MOC3062M, or 5 mA for the MOC3063M.
The 39
W resistor and 0.01 mF capacitor are for snubbing
of the triac and is often, but not always, necessary depending
upon the particular triac and load used.
Suggested method of firing two, back−to−back SCR’s
with a ON Semiconductor triac driver. Diodes can be
1N4001; resistors, R1 and R2, are optional 330
W..
NOTE: This optoisolator should not be used to drive a load
directly. It is intended to be a trigger device only.
VCC
Rin
1
2
3
6
5
4
240 VAC
HOT
NEUTRAL
MOC3061M
MOC3062M
MOC3063M
FKPF12N60
LOAD
VCC
Rin
1
2
3
6
5
4
115 VAC
SCR
R1
D1
SCR
R2
D2
LOAD
MOC3061M
MOC3062M
MOC3063M
Figure 9. Hot−Line Switching Application Circuit
Figure 10. Inverse−Parallel SCR Driver Circuit
39 W
0.01 mF
360 W
360 W
360 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com