Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOC3063M. Datasheet(PDF) 3 Page - ON Semiconductor

Part # MOC3063M.
Description  6-Pin DIP Zero-Cross Triac Driver Optocoupler (600 Volt Peak)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MOC3063M. Datasheet(HTML) 3 Page - ON Semiconductor

  MOC3063M. Datasheet HTML 1Page - ON Semiconductor MOC3063M. Datasheet HTML 2Page - ON Semiconductor MOC3063M. Datasheet HTML 3Page - ON Semiconductor MOC3063M. Datasheet HTML 4Page - ON Semiconductor MOC3063M. Datasheet HTML 5Page - ON Semiconductor MOC3063M. Datasheet HTML 6Page - ON Semiconductor MOC3063M. Datasheet HTML 7Page - ON Semiconductor MOC3063M. Datasheet HTML 8Page - ON Semiconductor MOC3063M. Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MOC3061M, MOC3062M, MOC3063M, MOC3162M, MOC3163M
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise noted)
Symbol
Parameter
Test Conditions
Device
Min
Typ
Max
Unit
INDIVIDUAL COMPONENT CHARACTERISTICS
EMITTER
VF
Input Forward Voltage
IF = 30 mA
All
−
1.3
1.5
V
IR
Reverse Leakage Current
VR = 6 V
All
−
0.005
100
mA
DETECTOR
IDRM1
Peak Blocking Current,
Either Direction
VDRM = 600 V, IF = 0 (Note 1)
MOC306XM
−
10
500
nA
MOC316XM
−
10
100
dv/dt
Critical Rate of Rise of
Off−State Voltage
IF = 0 (Note 2)
MOC306XM
600
1500
−
V/ms
MOC316XM
1000
−
−
TRANSFER CHARACTERISTICS
IFT
LED Trigger Current
(Rated IFT)
Main Terminal Voltage = 3 V
(Note 3)
MOC3061M
−
−
15
mA
MOC3062M
MOC3162M
−
−
10
MOC3063M
MOC3163M
−
−
5
VTM
Peak On−State Voltage,
Either Direction
ITM = 100 mA peak, IF = rated IFT
All
−
1.8
3.0
V
IH
Holding Current, Either
Direction
All
−
500
−
mA
ZERO CROSSING CHARACTERISTICS
VINH
Inhibit Voltage (MT1−MT2
Voltage Above Which De-
vice will not Trigger)
IF = rated IFT
MOC3061M
MOC3062M
MOC3063M
−
12
20
V
MOC3162M
MOC3163M
−
12
15
V
IDRM2
Leakage in Inhibited State
IF = rated IFT, VDRM = 600 V, off−state
All
−
−
2
mA
ISOLATION CHARACTERISTICS
VISO
Isolation Voltage (Note 4)
f = 60 Hz, t = 1 Minute
4170
−
−
VACRMS
RISO
Isolation Resistance
VI−O = 500 VDC
−
1011
−
W
CISO
Isolation Capacitance
V = 0 V, f = 1 MHz
−
0.2
−
pF
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Test voltage must be applied within dv/dt rating.
2. This is static dv/dt. Commutating dv/dt is a function of the load−driving thyristor(s) only.
3. All devices are guaranteed to trigger at an IF value less than or equal to max IFT. Therefore, recommended operating IF lies between max IFT
(15 mA for MOC3061M, 10 mA for MOC3062M and MOC3162M, 5 mA for MOC3063M and MOC3163M) and absolute maximum IF (60 mA).
4. Isolation voltage, VISO, is an internal device dielectric breakdown rating. For this test, pins 1 and 2 are common, and pins 4, 5 and 6 are
common.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com