Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOC3063M. Datasheet(PDF) 1 Page - ON Semiconductor

Part # MOC3063M.
Description  6-Pin DIP Zero-Cross Triac Driver Optocoupler (600 Volt Peak)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MOC3063M. Datasheet(HTML) 1 Page - ON Semiconductor

  MOC3063M. Datasheet HTML 1Page - ON Semiconductor MOC3063M. Datasheet HTML 2Page - ON Semiconductor MOC3063M. Datasheet HTML 3Page - ON Semiconductor MOC3063M. Datasheet HTML 4Page - ON Semiconductor MOC3063M. Datasheet HTML 5Page - ON Semiconductor MOC3063M. Datasheet HTML 6Page - ON Semiconductor MOC3063M. Datasheet HTML 7Page - ON Semiconductor MOC3063M. Datasheet HTML 8Page - ON Semiconductor MOC3063M. Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2005
May, 2021 − Rev. 2
1
Publication Order Number:
MOC3163M/D
6-Pin DIP Zero-Cross
Triac Driver Optocoupler
(600 Volt Peak)
MOC3061M, MOC3062M,
MOC3063M, MOC3162M,
MOC3163M
Description
The MOC306XM and MOC316XM devices consist of a GaAs
infrared emitting diode optically coupled to a monolithic silicon
detector performing the function of a zero voltage crossing bilateral
triac driver.
They are designed for use with a triac in the interface of logic
systems to equipment powered from 115/240 VAC lines, such as
solid−state relays, industrial controls, motors, solenoids and consumer
appliances, etc.
Features
• Simplifies Logic Control of 115/240 VAC Power
• Zero Voltage Crossing to Minimize Conducted and Radiated Line
Noise
• 600 V Peak Blocking Voltage
• Superior Static dv/dt
♦ 600 V/
ms (MOC306xM)
♦ 1000 V/
ms (MOC316xM)
• Safety and Regulatory Approvals
♦ UL1577, 4,170 VACRMS for 1 Minute
♦ DIN EN/IEC60747−5−5
• These are Pb−Free Devices
Applications
• Solenoid/Valve Controls
• Static Power Switches
• Temperature Controls
• AC Motor Starters
• Lighting Controls
• AC Motor Drives
• E.M. Contactors
• Solid State Relays
www.onsemi.com
PDIP6 8.51x6.35, 2.54P
CASE 646BY
MARKING DIAGRAM
SCHEMATIC
ON
MOC3061
V XYYQ
MOC3061 = Device Number
V
= DIN EN/IEC60747−5−5 Option (only
appears on component ordered with
this option)
X
= One−Digit Year Code, e.g., ‘5’
YY
= Two−Digit Work Week, Ranging from
‘01’ to ‘53’
Q
= Assembly Package Code
See detailed ordering and shipping information on page 8 of
this data sheet.
ORDERING INFORMATION
1
6
1
6
1
6
PDIP6 8.51x6.35, 2.54P
CASE 646BZ
PDIP6 8.51x6.35, 2.54P
CASE 646BX
MAIN TERM.
NC*
N/C
1
2
3
ANODE
CATHODE
4
5
6
CIRCUIT
MAIN TERM.
*DO NOT CONNECT (TRIAC SUBSTRATE)
CROSSING
ZERO


Similar Part No. - MOC3063M.

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MOC3063M. ONSEMI-MOC3063M. Datasheet
274Kb / 12P
6-Pin DIP Zero-Cross Triac Driver Optocoupler (600 Volt Peak)
September, 2022 - Rev. 3
More results

Similar Description - MOC3063M.

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3061-M FAIRCHILD-MOC3061-M Datasheet
540Kb / 10P
6-PIN DIP ZERO-CROSS PHOTOTRIAC DRIVER OPTOCOUPLER (600V PEAK)
MOC3081M FAIRCHILD-MOC3081M Datasheet
543Kb / 11P
6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3081M FAIRCHILD-MOC3081M_05 Datasheet
537Kb / 11P
6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3061-M FAIRCHILD-MOC3061-M_05 Datasheet
538Kb / 10P
6-PIN DIP ZERO-CROSS PHOTOTRIAC DRIVER OPTOCOUPLER (600V PEAK)
logo
ON Semiconductor
MOC3051M ONSEMI-MOC3051M Datasheet
420Kb / 13P
6-Pin DIP Random-Phase Triac Driver Optocoupler (600 Volt Peak)
May, 2019 ??Rev. 3
MOC3081M ONSEMI-MOC3081M Datasheet
320Kb / 13P
6-Pin DIP Zero-Cross Triac Driver Optocoupler (800 V Peak)
September, 2019 ??Rev. 1
MOC3031M ONSEMI-MOC3031M Datasheet
405Kb / 12P
6-Pin DIP Zero-Cross Triac Driver Output Optocoupler (250/400 Volt Peak)
May, 2021 ??Rev. 2
MOC3051M ONSEMI-MOC3051M_V01 Datasheet
400Kb / 13P
6-Pin DIP Random-Phase Triac Driver Optocoupler (600 Volt Peak)
September, 2022 - Rev. 4
MOC3061M ONSEMI-MOC3061M_V01 Datasheet
274Kb / 12P
6-Pin DIP Zero-Cross Triac Driver Optocoupler (600 Volt Peak)
September, 2022 - Rev. 3
MOC3081M ONSEMI-MOC3081M_V01 Datasheet
343Kb / 13P
6-Pin DIP Zero-Cross Triac Driver Optocoupler (800 V Peak)
September, 2022 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com