Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMD8000-R2100-R2-2V15 Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # OMD8000-R2100-R2-2V15
Description  2-D LiDAR Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OMD8000-R2100-R2-2V15 Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  OMD8000-R2100-R2-2V15 Datasheet HTML 1Page - Pepperl+Fuchs Inc. OMD8000-R2100-R2-2V15 Datasheet HTML 2Page - Pepperl+Fuchs Inc. OMD8000-R2100-R2-2V15 Datasheet HTML 3Page - Pepperl+Fuchs Inc. OMD8000-R2100-R2-2V15 Datasheet HTML 4Page - Pepperl+Fuchs Inc. OMD8000-R2100-R2-2V15 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Technical Data
Time delay before availability
tv
< 3 s
Interface
Interface type
RS 232
Protocol
P+F R2100 115k, 8N1
Conformity
Product standard
EN 60947-5-2
Measurement accuracy
Measured value noise
20 mm (1 sigma, 4 m on white, orthogonal)
Angle resolution
8 °
Absolute accuracy
+/- 50 mm (orthogonal)
Approvals and certificates
UL approval
cULus Listed, Class 2 Power Source, Type 1 enclosure
CCC approval
CCC approval / marking not required for products rated ≤36 V
Ambient conditions
Ambient temperature
-30 ... 60 °C (-22 ... 140 °F)
Storage temperature
-30 ... 70 °C (-22 ... 158 °F)
Relative humidity
95 % , no moisture condensation
Mechanical specifications
Housing width
81 mm
Housing height
45 mm
Degree of protection
IP67
Connection
5-pin, M12x1 connector, standard (supply; color black)
5-pin, M12x1 connector, standard (RS 232; color grey; shielded)
Material
Housing
plastic
Optical face
Lexan (PC)
Mass
approx. 250 g
Connection Assignment
Power
RS 232
4
1
2
3
24 V DC
GND
5
4
1
2
3
n.c.
GND
n.c.
RX
5
TX
grey
black
Service
Service
Service
1
3
4
5
2
1
3
4
5
2
Assembly
1
No function
2
No function
3
Emitter
4
Receiver
5
Operating indicator yellow
6
Function indicator
green
1
2
4
5
6
3
2-D LiDAR Sensor
OMD8000-R2100-R2-2V15
3
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com