Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMD8000-R2100-R2-2V15 Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # OMD8000-R2100-R2-2V15
Description  2-D LiDAR Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OMD8000-R2100-R2-2V15 Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  OMD8000-R2100-R2-2V15 Datasheet HTML 1Page - Pepperl+Fuchs Inc. OMD8000-R2100-R2-2V15 Datasheet HTML 2Page - Pepperl+Fuchs Inc. OMD8000-R2100-R2-2V15 Datasheet HTML 3Page - Pepperl+Fuchs Inc. OMD8000-R2100-R2-2V15 Datasheet HTML 4Page - Pepperl+Fuchs Inc. OMD8000-R2100-R2-2V15 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Characteristic Curve
Beam geometry
8°
550 mm
16
14
12
10
8
6
4
2
0
0.1
1
10
60
Echoamplitude [digit x 1000]
Echoamplitude characteristic
Echoamplitude on reflectors
Object remission 6% ... 90 %
Distance X [m]
Accessories
V1-G-2M-PUR
Female cordset, M12, 4-pin, PUR cable
V1-W-2M-PUR
Female cordset, M12, 4-pin, PUR cable
V15-G-5M-PUR-ABG
Female cordset single-ended M12 A-coded, 5-pin, PUR cable black, shielded
V1-G-BK5M-PUR-U
Female cordset, M12, 4-pin, PUR cable
V1-W-BK5M-PUR-U
Female cordset, M12, 4-pin, PUR cable
2-D LiDAR Sensor
OMD8000-R2100-R2-2V15
4
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com