Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMD8000-R2100-R2-2V15 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # OMD8000-R2100-R2-2V15
Description  2-D LiDAR Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OMD8000-R2100-R2-2V15 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  OMD8000-R2100-R2-2V15 Datasheet HTML 1Page - Pepperl+Fuchs Inc. OMD8000-R2100-R2-2V15 Datasheet HTML 2Page - Pepperl+Fuchs Inc. OMD8000-R2100-R2-2V15 Datasheet HTML 3Page - Pepperl+Fuchs Inc. OMD8000-R2100-R2-2V15 Datasheet HTML 4Page - Pepperl+Fuchs Inc. OMD8000-R2100-R2-2V15 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Dimensions
Power
RS 232
Beam 0
15.5
ø 6.5 (4x)
157
174
45
Technical Data
General specifications
Measurement range
0.2 ... 2 m (bw 6%)
0.2 ... 8 m (wh 90%)
Light source
IRED
Light type
modulated infrared light , 850 nm
Measuring method
Pulse Ranging Technology (PRT)
Scan rate
50 s-1 (1 scan = 11 measurements)
Scanning angle
88°
Diameter of the light spot
550 mm at 4 m (orthogonal)
Ambient light limit
> 80000 Lux
Resolution
1 mm
Functional safety related parameters
MTTFd
123 a
Mission Time (TM)
20 a
Diagnostic Coverage (DC)
0 %
Indicators/operating means
Operation indicator
LED green
Function indicator
LED yellow
Electrical specifications
Operating voltage
UB
10 ... 30 V DC
Ripple
10 % within the supply tolerance
No-load supply current
I0
≤ 120 mA / 24 V DC
Protection class
III
2-D LiDAR Sensor
OMD8000-R2100-R2-2V15
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com