Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD3933 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SD3933
Description  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD3933 Datasheet(HTML) 3 Page - STMicroelectronics

  SD3933 Datasheet HTML 1Page - STMicroelectronics SD3933 Datasheet HTML 2Page - STMicroelectronics SD3933 Datasheet HTML 3Page - STMicroelectronics SD3933 Datasheet HTML 4Page - STMicroelectronics SD3933 Datasheet HTML 5Page - STMicroelectronics SD3933 Datasheet HTML 6Page - STMicroelectronics SD3933 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
SD3933
TYPICAL PERFORMANCE
Capacitance Vs Drain Source Voltage
1
10
100
1000
10000
0
20
40
60
80
100
Vds (V)
Ciss
Coss
Crss
f = 1 MHz
Drain Current Vs Gate Source Vo
ltage
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0
1
2
3
4
5
Vgs(V)
Tc = +25 °C
Vds = 100 V
Drain Current Vs Drain Source Voltage
0
2
4
6
8
10
12
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Vds (V)
Tc = +25 °C
Vgs = 10 V
Gate Source Voltage Vs Case Temperature
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
25
50
75
100
Tc (°C)
Idq = 250 mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com