Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD3933 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD3933
Description  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD3933 Datasheet(HTML) 4 Page - STMicroelectronics

  SD3933 Datasheet HTML 1Page - STMicroelectronics SD3933 Datasheet HTML 2Page - STMicroelectronics SD3933 Datasheet HTML 3Page - STMicroelectronics SD3933 Datasheet HTML 4Page - STMicroelectronics SD3933 Datasheet HTML 5Page - STMicroelectronics SD3933 Datasheet HTML 6Page - STMicroelectronics SD3933 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SD3933
4/7
TYPICAL PERFORMANCE
Output Power Vs Input Power
0
50
100
150
200
250
300
350
400
450
500
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Pin (W)
f = 30 MHz
Idq = 250 mA
Vdd = 80 V
Vdd = 90 V
Vdd = 100 V
Output Power Vs Input Power
0
50
100
150
200
250
300
350
400
450
500
0.0
0.2
0.4
0.6
0.8
1.0
Pin (W)
f = 30 MHz
Vds = 100 V
Idq = 250 mA
Tc = +25 °C
Tc = +50 °C
Tc = +70 °C
Tc = +85 °C
Power Gain Vs Output Power
20
21
22
23
24
25
26
27
28
29
30
0
100
200
300
400
500
Pout (W)
f = 30 MHz
Idq = 250 mA
Vdd = 80 V
Vdd = 90 V
Vdd = 100 V
Power Gain Vs Output Power
20
21
22
23
24
25
26
27
28
29
30
0
100
200
300
400
500
Pout (W)
f = 30 MHz
Vds = 100 V
Idq = 250 mA
Tc = +85 °C
Tc = +70 °C
Tc = +50 °C
Tc = +25 °C
Efficiency Vs Output Power
0
10
20
30
40
50
60
70
80
0
100
200
300
400
500
Pout (W)
f = 30 MHz
Idq = 250 mA
Vdd = 90 V
Vdd = 100 V
Vdd = 80 V
Efficinecy Vs Output Power
20
30
40
50
60
70
80
0
100
200
300
400
500
Pout (W)
f = 30 MHz
Vds = 100 V
Idq = 250 mA
Tc = +85, +70, +50, +25 °C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com