Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD3933 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SD3933
Description  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD3933 Datasheet(HTML) 5 Page - STMicroelectronics

  SD3933 Datasheet HTML 1Page - STMicroelectronics SD3933 Datasheet HTML 2Page - STMicroelectronics SD3933 Datasheet HTML 3Page - STMicroelectronics SD3933 Datasheet HTML 4Page - STMicroelectronics SD3933 Datasheet HTML 5Page - STMicroelectronics SD3933 Datasheet HTML 6Page - STMicroelectronics SD3933 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/7
SD3933
TYPICAL PERFORMANCE
Input Return Loss Vs Output Power
-14
-12
-10
-8
-6
-4
-2
0
0
100
200
300
400
Pout (W)
f = 30 MHz
Vds = 100 V
Idq = 250 mA
Tc = +85, +70, +50, +25 °C
Output Power Vs Supply Voltage
0
50
100
150
200
250
300
350
400
450
500
50
60
70
80
90
100
Vdd (V)
f = 30 MHz
Tc = +25 °C
Pin = 0.62 W
Pin = 0.36 W
Output Power Vs Gate Source Voltage
0
50
100
150
200
250
300
350
400
-2
-1
0
1
2
3
Vgs (V)
Pin = 27.8 dBm
Vdd = 100 V
Tc = +25 °C
f = 30 MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com