Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1007CDA Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS1007CDA
Description  10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULATANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1007CDA Datasheet(HTML) 4 Page - Texas Instruments

  THS1007CDA Datasheet HTML 1Page - Texas Instruments THS1007CDA Datasheet HTML 2Page - Texas Instruments THS1007CDA Datasheet HTML 3Page - Texas Instruments THS1007CDA Datasheet HTML 4Page - Texas Instruments THS1007CDA Datasheet HTML 5Page - Texas Instruments THS1007CDA Datasheet HTML 6Page - Texas Instruments THS1007CDA Datasheet HTML 7Page - Texas Instruments THS1007CDA Datasheet HTML 8Page - Texas Instruments THS1007CDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
THS1007
SLAS286A – AUGUST 2000– REVISED DECEMBER 2002
www.ti.com
4
ELECTRICAL CHARACTERISTICS
over recommended operating conditions, VREF = internal, fs = 6 MSPS, fI = 2 MHz at –1 dBFS (unless otherwise noted)
AC SPECIFICATIONS, AVDD = DVDD = 5 V, BVDD = 3.3 V, CL < 30 pF
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SINAD
Signal to noise ratio + distortion
Differential mode
56
59
dB
SINAD
Signal-to-noise ratio + distortion
Single-ended mode
55
58
dB
SNR
Signal to noise ratio
Differential mode
59
61
dB
SNR
Signal-to-noise ratio
Single-ended mode
58
60
dB
THD
Total harmonic distortion
Differential mode
–64
–61
dB
THD
Total harmonic distortion
Single-ended mode
–63
–60
dB
ENOB
Effective number of bits
Differential mode
9
9.5
Bits
ENOB
(SNR)
Effective number of bits
Single-ended mode
8.85
9.35
Bits
SFDR
Spurious free dynamic range
Differential mode
61
65
dB
SFDR
Spurious free dynamic range
Single-ended mode
60
64
dB
Analog Input
Full-power bandwidth with a source impedance of 150
Ω in
differential configuration.
Full scale sinewave, –3 dB
96
MHz
Full-power bandwidth with a source impedance of 150
Ω in
single-ended configuration.
Full scale sinewave, –3 dB
54
MHz
Small-signal bandwidth with a source impedance of 150
Ω in
differential configuration.
100 mVpp sinewave, –3 dB
96
MHz
Small-signal bandwidth with a source impedance of 150
Ω in
single-ended configuration.
100 mVpp sinewave, –3 dB
54
MHz
TIMING REQUIREMENTS
AVDD = DVDD = 5 V, BVDD = 3.3 V, VREF = internal, CL < 30 pF
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tpipe
Latency
5
CONV
CLK
tsu(CONV_CLKL-READL)
Setup time, CONV_CLK low before CS valid
10
ns
tsu(READH-CONV_CLKL)
Setup time, CS invalid to CONV_CLK low
20
ns
td(CONV_CLKL-SYNCL)
Delay time, CONV_CLK low to SYNC low
10
ns
td(CONV_CLKL-SYNCH)
Delay time, CONV_CLK low to SYNC high
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com