Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1007CDA Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS1007CDA
Description  10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULATANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1007CDA Datasheet(HTML) 1 Page - Texas Instruments

  THS1007CDA Datasheet HTML 1Page - Texas Instruments THS1007CDA Datasheet HTML 2Page - Texas Instruments THS1007CDA Datasheet HTML 3Page - Texas Instruments THS1007CDA Datasheet HTML 4Page - Texas Instruments THS1007CDA Datasheet HTML 5Page - Texas Instruments THS1007CDA Datasheet HTML 6Page - Texas Instruments THS1007CDA Datasheet HTML 7Page - Texas Instruments THS1007CDA Datasheet HTML 8Page - Texas Instruments THS1007CDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
THS1007
SLAS286A – AUGUST 2000– REVISED DECEMBER 2002
10BIT, 4 ANALOG INPUT, 6MSPS, SIMULTANEOUS SAMPLING
ANALOGTODIGITAL CONVERTER
FEATURES
D Simultaneous Sampling of 4 Single-Ended
Signals or 2 Differential Signals or
Combination of Both
D Signal-to-Noise and Distortion Ratio: 59 dB
at fI = 2 MHz
D Differential Nonlinearity Error: ±1 LSB
D Integral Nonlinearity Error: ±1 LSB
D Auto-Scan Mode for 2, 3, or 4 Inputs
D 3-V or 5-V Digital Interface Compatible
D Low Power: 216 mW Max at 5 V
D Power Down: 1 mW Max
D 5-V Analog Single Supply Operation
D Internal Voltage References ... 50 PPM/°C
and
±5% Accuracy
D Glueless DSP Interface
D Parallel µC/DSP Interface
APPLICATIONS
D Radar Applications
D Communications
D Control Applications
D High-Speed DSP Front-End
D Automotive Applications
DESCRIPTION
The THS1007 is a CMOS, low-power, 10-bit, 6 MSPS
analog-to-digital converter (ADC). The speed, resolution,
bandwidth, and single-supply operation are suited for
applications in radar, imaging, high-speed acquisition, and
communications. A multistage pipelined architecture with
output error correction logic provides for no missing codes
over the full operating temperature range. Internal control
registers are used to program the ADC into the desired
mode. The THS1007 consists of four analog inputs, which
are sampled simultaneously. These inputs can be selected
individually and configured to single-ended or differential
inputs. Internal reference voltages for the ADC (1.5 V and
3.5 V) are provided. An external reference can also be
chosen to suit the dc accuracy and temperature drift
requirements of the application.
The THS1007C is characterized for operation from 0
°C to
70
°C, and the THS1007I is characterized for operation
from –40
°C to 85°C.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
D0
D1
D2
D3
D4
D5
BVDD
BGND
D6
D7
D8
D9
RA0
RA1
CONV_CLK
SYNC
AINP
AINM
BINP
BINM
REFIN
REFOUT
REFP
REFM
AGND
AVDD
CS0
CS1
WR (R/W)
RD
DVDD
DGND
DA (TSSOP) PACKAGE
(TOP VIEW)
ORDERING INFORMATION
PACKAGED DEVICE
TA
TSSOP
(DA)
0
°C to 70°C
THS1007CDA
–40
°C to 85°C
THS1007IDA
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2002, Texas Instruments Incorporated


Similar Part No. - THS1007CDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1007CDA TI1-THS1007CDA Datasheet
329Kb / 34P
10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1007CDA TI2-THS1007CDA Datasheet
387Kb / 34P
10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
REVISED DECEMBER 2010
THS1007CDA.A TI2-THS1007CDA.A Datasheet
387Kb / 34P
10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
REVISED DECEMBER 2010
THS1007CDAG4 TI1-THS1007CDAG4 Datasheet
329Kb / 34P
10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - THS1007CDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS10064 TI-THS10064 Datasheet
543Kb / 41P
10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1050 TI-THS1050 Datasheet
397Kb / 20P
10-BIT 50 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
THS1060 TI-THS1060 Datasheet
353Kb / 21P
10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS824 BURR-BROWN-ADS824 Datasheet
185Kb / 12P
10-Bit, 70MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
THS1207 TI-THS1207 Datasheet
249Kb / 30P
12 bit 4 ANALOG INPUT 6 MSPS SIMULTANEOUS SAMPLING
THS10082 TI-THS10082 Datasheet
263Kb / 34P
10 bit TWO ANALOG INPUT, 8 MSPS SIMULTANEOUS SAMPLING ANALOG TO DIGITAL CONVERTER
THS1009 TI-THS1009 Datasheet
235Kb / 31P
10-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1007 TI1-THS1007_14 Datasheet
329Kb / 34P
10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1209 TI1-THS1209_14 Datasheet
327Kb / 34P
12-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS10064 TI1-THS10064_09 Datasheet
510Kb / 42P
10-BIT, 4 ANALOG INPUT, 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com