Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1007CDA Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # THS1007CDA
Description  10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULATANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1007CDA Datasheet(HTML) 5 Page - Texas Instruments

  THS1007CDA Datasheet HTML 1Page - Texas Instruments THS1007CDA Datasheet HTML 2Page - Texas Instruments THS1007CDA Datasheet HTML 3Page - Texas Instruments THS1007CDA Datasheet HTML 4Page - Texas Instruments THS1007CDA Datasheet HTML 5Page - Texas Instruments THS1007CDA Datasheet HTML 6Page - Texas Instruments THS1007CDA Datasheet HTML 7Page - Texas Instruments THS1007CDA Datasheet HTML 8Page - Texas Instruments THS1007CDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
THS1007
SLAS286A – AUGUST 2000– REVISED DECEMBER 2002
www.ti.com
5
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AINP
32
I
Analog input, single-ended or positive input of differential channel A
AINM
31
I
Analog input, single-ended or negative input of differential channel A
BINP
30
I
Analog input, single-ended or positive input of differential channel B
BINM
29
I
Analog input, single-ended or negative input of differential channel B
AVDD
23
I
Analog supply voltage
AGND
24
I
Analog ground
BVDD
7
I
Digital supply voltage for buffer
BGND
8
I
Digital ground for buffer
CONV_CLK
15
I
Digital input. This input is the conversion clock input.
CS0
22
I
Chip select input (active low)
CS1
21
I
Chip select input (active high)
SYNC
16
O
Synchronization output. This signal indicates in a multichannel operation that data of channel A is brought to
the digital output and can therefore be used for synchronization.
DGND
17
I
Digital ground. Ground reference for digital circuitry.
DVDD
18
I
Digital supply voltage
D0 – D9
1–6,
9–12
I/O/Z
Digital input, output; D0 = LSB
RA0
13
I
Digital input. RA0 is used as an address line for the control register. This is required for writing to the control
register 0 and control register 1. See Table 7.
RA1
14
I
Digital input. RA1 is used as an address line for the control register. This is required for writing to control
register 0 and control register 1. See Table 7.
REFIN
28
I
Common-modereference input for the analog input channels. It is recommended that this pin be connected to
the reference output REFOUT.
REFP
26
I
Reference input, requires a bypass capacitor of 10
µF to AGND in order to bypass the internal reference
voltage. An external reference voltage at this input can be applied. This option can be programmed through
control register 0. See Table 8.
REFM
25
I
Reference input, requires a bypass capacitor of 10
µF to AGND in order to bypass the internal reference
voltage. An external reference voltage at this input can be applied. This option can be programmed through
control register 0. See Table 8.
REFOUT
27
O
Analog fixed reference output voltage of 2.5 V. Sink and source capability of 250
µA. The reference output
requires a capacitor of 10
µF to AGND for filtering and stability.
RD(1)
19
I
The RD input is used only if the WR input is configured as a write only input. In this case, it is a digital input,
active low as a data read select from the processor. See timing section.
WR (R/W)(1)
20
I
This input is programmable. It functions as a read-write input R/W and can also be configured as a write-only
input WR, which is active low and used as data write select from the processor. In this case, the RD input is
used as a read input from the processor. See timing section.
(1) The start-conditions of RD and WR (R/W) are unknown. The first access to the ADC has to be a write access to initialize the ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com