Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73S8024C Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # 73S8024C
Description  Smart Card Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

73S8024C Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button 73S8024C Datasheet HTML 6Page - Maxim Integrated Products 73S8024C Datasheet HTML 7Page - Maxim Integrated Products 73S8024C Datasheet HTML 8Page - Maxim Integrated Products 73S8024C Datasheet HTML 9Page - Maxim Integrated Products 73S8024C Datasheet HTML 10Page - Maxim Integrated Products 73S8024C Datasheet HTML 11Page - Maxim Integrated Products 73S8024C Datasheet HTML 12Page - Maxim Integrated Products 73S8024C Datasheet HTML 13Page - Maxim Integrated Products 73S8024C Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
73S8024C Data Sheet
DS_8024C_023
10
Rev. 1.3
The following steps and Figure 4 show the activation sequence and the timing of the card control signals
when the system controller pulls
CMDVCC low while RSTIN is high:
1.
CMDVCC is set low.
2.
Next, the internal VCC control circuit checks the presence of VCC at the end of t1. In normal operation,
the voltage VCC to the card becomes valid during this time. If not, OFF goes low to report a fault to
the system controller and the VCC
3.
After the fall of RSTIN at t
power to the card is shut down.
2
4.
CLK is applied to the card at the end of t
, turn I/O (AUX1, AUX2) to reception mode.
3
5.
RST is a copy of RSTIN after t
after I/O is in reception mode.
4. RSTIN may be set high before t 4, however the sequencer will not
set RST high until 42,000 clock cycles after the start of CLK.
Figure 4: Activation Sequence – RSTIN high when
CMDVCC goes low
9
Deactivation Sequence
Deactivation is initiated either by the system controller by setting the
CMDVCC high, or automatically in
the event of hardware faults. Hardware faults are over-current, overheating, VDD fault, VCC
The following steps and
fault, and card
extraction during the session.
Figure 5 show the deactivation sequence and the timing of the card control signals
when the system controller sets the
CMDVCC high or OFF goes low due to a fault or card removal:
1.
RST goes low at the end of time t1
2.
CLK is set low at the end of time t
.
2
3.
I/O goes low at the end of time t
.
3
4.
V
. Out of reception mode.
CC is turned off at the end of time t 4. After a delay t 5 (discharge of the VCC capacitor), VCC is low.
t1 = 0.510 ms (timing by 1.5MHz internal Oscillator)
t2 = 1.5 µs, I/O goes to reception state
t3
≥ 0.5 µs, CLK active
t4
≥ 42000 card clock cycles (time for RST to become the copy of RSTIN).
CMDVCC
VCC
IO
CLK
RSTIN
t1
t2
t3
t4
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com