Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73S8024C Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # 73S8024C
Description  Smart Card Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

73S8024C Datasheet(HTML) 1 Page - Maxim Integrated Products

  73S8024C Datasheet HTML 1Page - Maxim Integrated Products 73S8024C Datasheet HTML 2Page - Maxim Integrated Products 73S8024C Datasheet HTML 3Page - Maxim Integrated Products 73S8024C Datasheet HTML 4Page - Maxim Integrated Products 73S8024C Datasheet HTML 5Page - Maxim Integrated Products 73S8024C Datasheet HTML 6Page - Maxim Integrated Products 73S8024C Datasheet HTML 7Page - Maxim Integrated Products 73S8024C Datasheet HTML 8Page - Maxim Integrated Products 73S8024C Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
73S8024C
Smart Card Interface
Simplifying System Integration™
DATA SHEET
April 2009
Rev. 1.3
© 2009 Teridian Semiconductor Corporation
1
DESCRIPTION
The Teridian 73S8024C is a single smart card
interface IC. It provides full electrical compliance
with ISO-7816-3, EMV 4.0 and NDS specifications
1.
Interfacing with the system controller is done through
the control bus, composed of digital inputs to control
the interface, and one interrupt output to inform the
system controller of the card presence and faults.
Data exchange with the card is managed from the
system controller using the I/O line (and eventually
the auxiliary I/O lines). Hardware support for
auxiliary I/O lines, C4 / C8 contacts, is provided.
The card clock signal can be generated by an on-chip
oscillator using an external crystal or by connection to
a clock signal coming from the system controller.
The Teridian 73S8024C device incorporates an
ISO-7816-3 activation/deactivation sequencer that
controls the card signals. Level shifters drive the
card signals with the selected card voltage (3 V or
5 V), coming from an internal DC-DC converter.
With its high-efficiency DC-DC converter, the
Teridian 73S8024C is a cost-effective solution for
any smart card reader application to be powered
from a single 2.7 V to 3.6 V power supply.
Emergency card deactivation is initiated upon card
extraction or upon any fault generated by the
protection circuitry. The fault can be a VDD (digital
power supply) or a VCC (card power supply) failure,
a card over-current, or
• The only smart card interface IC firmware
compatible with the TDA8004 operating with a
single 2.7 V to 3.6 V power supply (allows
removal of 5 V from the system)
an over-heating fault.
ADVANTAGES
• The inductor-based DC-DC converter provides
higher current and efficiency than the usual
charge-pump capacitor-based converters
 Ideal for battery-powered applications
 Suitable for high current cards and SAMs:
(100 mA max)
•
Power down mode: 2
µA typical
FEATURES
•
Card Interface:
 Complies with ISO-7816-3, EMV 4.0 and NDS
1
 A DC-DC Converter provides 3V / 5V to the
card from an external power supply input
 High-efficiency converter: > 80% @
VDD=3.3 V, VCC=5 V and ICC
 Up to 100 mA supplied to the card
= 65 mA
 ISO-7816-3 Activation / Deactivation
sequencer with emergency automated
deactivation on card removal or fault
detected by the protection circuitry
 Protection includes 2 voltage supervisors
which detect voltage drops on card VCC and
on VDD
 The V
power supplies
DD
 True over-current detection (150 mA max.)
voltage supervisor threshold value
can be externally adjusted
 2 card detection inputs, 1 for each possible
user polarity
 Auxiliary I/O lines, for C4/C8 contact signals
 Card clock up to 20 MHz
•
System Controller Interface:
 3 Digital inputs control the card activation /
deactivation, card reset and card voltage
 4 Digital inputs control the card clock
(division rate and card clock stop modes)
 1 Digital output, interrupt to the system
controller, allows the system controller to
monitor the card presence and faults.
 Crystal oscillator or host clock, up to 27 MHz
•
Power Supply: VDD
•
Power Down mode
2.7 V to 3.6 V
•
6 kV ESD Protection on the card interface
•
Package: SO28
APPLICATIONS
•
Set-Top-Boxes , DVD / HDD Recorders
•
Point of Sales and Transaction Terminals
•
Control Access and Identification
1
Pending NDS approval.


Similar Part No. - 73S8024C

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73S8024C TERIDIAN-73S8024C Datasheet
483Kb / 22P
Smart Card Interface
April 2009
73S8024C-IL TERIDIAN-73S8024C-IL Datasheet
483Kb / 22P
Smart Card Interface
April 2009
73S8024C-IL/F TERIDIAN-73S8024C-IL/F Datasheet
483Kb / 22P
Smart Card Interface
April 2009
73S8024C-ILR/F TERIDIAN-73S8024C-ILR/F Datasheet
483Kb / 22P
Smart Card Interface
April 2009
More results

Similar Description - 73S8024C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6605 STMICROELECTRONICS-L6605 Datasheet
202Kb / 10P
SMART CARD INTERFACE
Dec-1992
logo
Maxim Integrated Produc...
DS8113 MAXIM-DS8113 Datasheet
160Kb / 17P
Smart Card Interface
Rev 1; 2/08
logo
Linear Technology
LTC1755 LINER-LTC1755_1 Datasheet
204Kb / 16P
Smart Card Interface
logo
Maxim Integrated Produc...
DS8313 MAXIM-DS8313 Datasheet
273Kb / 18P
Smart Card Interface
Rev 1; 5/09
logo
Teridian Semiconductor ...
73S8010C TERIDIAN-73S8010C Datasheet
346Kb / 27P
Smart Card Interface
73S8014RN TERIDIAN-73S8014RN Datasheet
395Kb / 28P
Smart Card Interface
logo
Maxim Integrated Produc...
73S8014BN MAXIM-73S8014BN Datasheet
542Kb / 29P
Smart Card Interface
Rev 2; 12/11
DS8024 MAXIM-DS8024 Datasheet
308Kb / 15P
Smart Card Interface
Rev 2; 2/12
DS8023 MAXIM-DS8023 Datasheet
251Kb / 17P
Smart Card Interface
Rev 1; 4/13
logo
Teridian Semiconductor ...
73S8024C TERIDIAN-73S8024C Datasheet
483Kb / 22P
Smart Card Interface
April 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com