Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73S8024C Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # 73S8024C
Description  Smart Card Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

73S8024C Datasheet(HTML) 4 Page - Maxim Integrated Products

  73S8024C Datasheet HTML 1Page - Maxim Integrated Products 73S8024C Datasheet HTML 2Page - Maxim Integrated Products 73S8024C Datasheet HTML 3Page - Maxim Integrated Products 73S8024C Datasheet HTML 4Page - Maxim Integrated Products 73S8024C Datasheet HTML 5Page - Maxim Integrated Products 73S8024C Datasheet HTML 6Page - Maxim Integrated Products 73S8024C Datasheet HTML 7Page - Maxim Integrated Products 73S8024C Datasheet HTML 8Page - Maxim Integrated Products 73S8024C Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
73S8024C Data Sheet
DS_8024C_023
4
Rev. 1.3
1
Pin Description
1.1
Card Interface
Name
Pin
(SO)
Description
IO
11
Card I/O: Data signal to/from card. Includes a pull-up resistor to VCC.
AUX1
13
AUX1: Auxiliary data signal to/from card. Includes a pull-up resistor to VCC.
AUX2
12
AUX2: Auxiliary data signal to/from card. Includes a pull-up resistor to VCC.
RST
16
Card reset: provides reset (RST) signal to card.
CLK
15
Card clock: provides clock (CLK) signal to card. The rate of this clock is
determined by crystal oscillator frequency and CLKDIV selections.
PRES
10
Card Presence switch: active high indicates card is present. Includes a pull-
down current source.
PRES
9
Card Presence switch: active low indicates card is present. Includes a pull-up
current source.
VCC
17
Card power supply: logically controlled by the sequencer, output of DC-DC
converter. Requires an external filter capacitor to the card GND.
GND
14
Card ground.
1.2
Miscellaneous Inputs and Outputs
Name
Pin
(SO)
Description
XTALIN
24
Crystal oscillator input: can either be connected to crystal or driven as a source
for the card clock.
XTALOUT
25
Crystal oscillator output: connected to crystal. Left open if XTALIN is being
used as an external clock input.
VDDF_ADJ
18
VDD fault threshold adjustment input: this pin can be used to adjust the VDDF
value (that controls deactivation of the card). Must be left open if unused.
NC
7
Non-connected pin.
1.3
Power supply and ground
Name
Pin
(SO)
Description
VDD
6, 21
System controller interface supply voltage, supply voltage for internal power
supply and DC-DC converter power supply source.
GND
4
DC-DC converter ground.
GND
22
Digital ground.
LIN
5
External inductor. Connect external inductor from pin 5 to VDD. Keep the
inductor close to pin 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com