Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHSP Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # SHSP
Description  8-PORT ETHERNET SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SHSP Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  SHSP Datasheet HTML 1Page - M-System Co.,Ltd. SHSP Datasheet HTML 2Page - M-System Co.,Ltd. SHSP Datasheet HTML 3Page - M-System Co.,Ltd. SHSP Datasheet HTML 4Page - M-System Co.,Ltd. SHSP Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: SHSP
SHSP SPECIFICATIONS
ES-9308 Rev.8 Page 4/5
http://www.m-system.co.jp/
CONNECTION DIAGRAM
LAN Port
COMM
PC CONFIGURATOR
JACK
RJ-45 CONNECTOR
1
2
3
4
5
6
FG
7
G
ALARM CONTACT OUTPUT
Shortcircuit bar (attached)
+
+
–
POWER SUPPLY
(dual redundant)
Grounding
■ DC POWERED
LAN Port
COMM
PC CONFIGURATOR
JACK
RJ-45 CONNECTOR
2
3
4
5
6
FG
7
G
ALARM CONTACT OUTPUT
POWER SUPPLY
Shortcircuit bar (attached)
U
V
Grounding
■ AC POWERED
■ Relay Protection
• AC Powered
• DC Powered
Varistor or
CR Circuit
Inductive
Load (Coil)
U
LOAD
Inductive
Load (Coil)
LOAD
Diode, Varistor or
CR Circuit
EXTERNAL DIMENSIONS unit: mm (inch)
40 (1.57)
6.3 (.25)
124 (4.88)
7
6
5
4
3
2
1
7–M3
SCREW
[2 (.08)]
DIN RAIL
35mm wide



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com