Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHSP Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # SHSP
Description  8-PORT ETHERNET SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SHSP Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  SHSP Datasheet HTML 1Page - M-System Co.,Ltd. SHSP Datasheet HTML 2Page - M-System Co.,Ltd. SHSP Datasheet HTML 3Page - M-System Co.,Ltd. SHSP Datasheet HTML 4Page - M-System Co.,Ltd. SHSP Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: SHSP
SHSP SPECIFICATIONS
ES-9308 Rev.8 Page 1/5
http://www.m-system.co.jp/
8-PORT ETHERNET SWITCH
(with surge protector)
Functions & Features
• Surge protector function for each port
• Protects Ethernet devices from surges entering through
LAN cables
• Surge protector life monitor function with LED and contact
output alarm
• Data transfer rate can be fixed
Typical Applications
• Risk managed system
138
(5.43)
124
(4.88)
40 (1.57)
mm (inch)
MODEL: SHSP–1–[1][2]
ORDERING INFORMATION
• Code number: SHSP-1-[1][2]
Specify a code from below for each of [1] and [2].
(e.g. SHSP-1-R/CE/Q)
• Specify the specification for option code /Q
(e.g. /C01/SET)
SURGE PROTECTOR
1: With
[1] POWER INPUT
AC Power
M2: 100 – 240V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
(Select ‘/N’ for ‘Standards & Approvals’ code.)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
(Select ‘/CE’ for ‘Standards & Approvals’ code.)
[2] OPTIONS (multiple selections)
Standards & Approvals (must be specified)
/N: Without CE
/CE: CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-9308)
RELATED PRODUCTS
• PC configurator software (model: SHSPCFG)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Surge protection: All ports
Connection
Ethernet: RJ-45 connector
Power input, grounding, alarm contact output:
M3 separable screw terminal (torque 0.8 N·m)
PC configurator: Miniature jack
Screw terminal: Nickel-plated steel
Housing material: Steel, melamine baking finish (black)
Monitor LED
Status: Green/Red bicolor LED;
Green light turns on in normal conditions;
Red turns on in an abnormality.
(Amber light turns on for approx. 1 second while the
internal processor is initialized at the startup.)
Surge Protector: Green/Amber/Red tricolor LED indicating
the surge protector life.
OFF while no surge has been detected;
Green when the first surge has been detected;
Amber when the protector is close to the end of life;
Red at the end of life.
(Amber light turns on for approx. 1 second while the
internal processor is initialized at the startup.)
LINK LED: Green LED indicating port link status.
ON with a link established; Flashes during communication.
100M LED: Amber LED indicating data transfer rate;
ON at 100 Mbps;
OFF at 10 Mbps.
PC configuration: PC Confiugrator Software is used to
program;


Similar Part No. - SHSP

ManufacturerPart #DatasheetDescription
logo
Hanwha Vision Co., Ltd....
SHS-165F HANWHAVISION-SHS-165F Datasheet
412Kb / 2P
Flush Mount with Cover
SHS-165F HANWHAVISION-SHS-165F Datasheet
808Kb / 5P
2MP Intercom
logo
Pro-Power
SHS-300-4012-BLK PROPOWER-SHS-300-4012-BLK Datasheet
176Kb / 2P
Heat Shrink Tubing
17/08/12 V1.0
SHS-300-4012-BLK PROPOWER-SHS-300-4012-BLK Datasheet
176Kb / 2P
Heat Shrink Tubing
17/08/12 V1.0
SHS-300-6022-BLK PROPOWER-SHS-300-6022-BLK Datasheet
176Kb / 2P
Heat Shrink Tubing
17/08/12 V1.0
More results

Similar Description - SHSP

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM3350 PMC-PM3350 Datasheet
1,015Kb / 224P
8 PORT ETHERNET SWITCH
logo
Level One
FSW-0808TX LVL1-FSW-0808TX Datasheet
439Kb / 3P
8-Port Fast Ethernet Switch
FSW-0811 LVL1-FSW-0811 Datasheet
354Kb / 3P
8-Port Fast Ethernet Switch
GEU-0822 LVL1-GEU-0822 Datasheet
530Kb / 3P
8-Port Gigabit Ethernet Switch
GSW-0807 LVL1-GSW-0807_16 Datasheet
733Kb / 3P
8-Port Gigabit Ethernet Switch
GSW-0809 LVL1-GSW-0809 Datasheet
698Kb / 3P
8-Port Gigabit Ethernet Switch
logo
Advantech Co., Ltd.
EKI-5528-EI-AE ADVANTECH-EKI-5528-EI-AE Datasheet
444Kb / 2P
8-port Fast Ethernet ProView Switch
logo
ORing Industrial Networ...
TES-1080-M12 ORING-TES-1080-M12 Datasheet
3Mb / 4P
8-port unmanaged Ethernet switch
TES-1080-M12-BP2 ORING-TES-1080-M12-BP2 Datasheet
3Mb / 4P
8-port unmanaged Ethernet switch
TES-3080-M12-BP2 ORING-TES-3080-M12-BP2 Datasheet
3Mb / 5P
8-port managed Ethernet switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com