Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHSP Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # SHSP
Description  8-PORT ETHERNET SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SHSP Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  SHSP Datasheet HTML 1Page - M-System Co.,Ltd. SHSP Datasheet HTML 2Page - M-System Co.,Ltd. SHSP Datasheet HTML 3Page - M-System Co.,Ltd. SHSP Datasheet HTML 4Page - M-System Co.,Ltd. SHSP Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: SHSP
SHSP SPECIFICATIONS
ES-9308 Rev.8 Page 2/5
http://www.m-system.co.jp/
• LAN port operating mode (Default setting: Auto
negtiation)
• User password
■ ALARM CONTACT OUTPUT
Turns on when the surge protector life ends,
when the power supply is lost,
or when an internal error is detected.
Rated load:
250 V AC @ 1.5 A (cos ø = 1)(applicable only to AC powered
model.)
30 V DC @ 1.5 A (resistive load)
Minimum load: 5 V DC @ 10 mA
Mechanical life: 1 × 107 cycles (rate 180/min.)
LAN PORT
Standards: IEEE 802.3, IEEE 802.3u, IEEE 802.3x
Number of ports: 8; All ports support AUTO-MDIX
(Automatically sensing cable type, straight-through or cross-
over)
Data transfer rate: 10 Mbps (10BASE-T), 100 Mbps
(100BASE-TX); Supports Auto-Negotiation
Cable: 10BASE-T (STP cable, category 5)
100BASE-TX (STP cable, category 5e)
Maximum segment length: 100 meters
Switching: Store & Forward
Flow control
Full duplex: PAUSE Frames
Half duplex: Back pressure
Buffer: 64 KB
MAC address table: 1024
INSTALLATION
•AC: Approx. 8 VA @ 100 V
Approx. 10 VA @ 200 V
Approx. 11 VA @ 264 V
•DC: Approx. 5.5 W
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 95 %RH (non-condensing)
Mounting: DIN rail
Weight
•AC powered: 650 g (1.4 lb)
•DC powered: 600 g (1.3 lb)
PERFORMANCE
Compliant standard: EN 61000-4-5 level X
Between ports: 1kV (combination waveform)
RJ-45 connector contact is out of the scope of this
protection. Using twisted-pair (STP) LAN cable is
effective to reduce risk of fusing contact.
Port to G: 10kV (combination waveform)
FG (shield) to G: 15kV (combination waveform) with the
shortcircuit bar
Voltage protection level
Port to FG or G: 160 V min.
Between each port: 160 V min.
FG to G: 160 V min. (with the shortcircuit bar removed)
Insulation resistance: ≥ 100 MΩ with 100 V DC
(port or FG or G to alarm contact to power)
Dielectric strength: 2000 V AC @ 1 minute
(port or FG or G or power to alarm contact)
1500 V AC @ 1 minute
(port or FG or G to power)
STANDARDS & APPROVALS
The following standards are applied only to DC powered
model.
EU conformity:
EMC Directive
EN 55032 Class A (EMI)
EN 55024 (EMS)
RoHS Directive
EN 50581



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com