Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # STL
Description  SOFT-TERMINAL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

STL Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  STL Datasheet HTML 1Page - M-System Co.,Ltd. STL Datasheet HTML 2Page - M-System Co.,Ltd. STL Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: STL
STL SPECIFICATIONS
ES-1683 Rev.1 Page 3/3
http://www.m-system.co.jp/
PANEL CUTOUT unit: mm (inch)
Panel thickness: 0.5 to 6 (.02″ to .24″)
21.0
+0.6(.85)
0 (.83)
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
UP
DOWN
MANUAL CONTROL
AUTO
1 brown (UP)
2 red (DOWN)
3 orange (COM.)
4 yellow
5 green
6 blue (+)
7 purple (–)
8 gray
9 white
10 black
AUTO-MANUAL
SELECTOR
SWITCH
OUTPUT
INDICATOR
MONITOR
TERMINALS
(4 – 20mA DC)
OUTPUT TO
BACKUP STATION
INPUT FROM
BACKUP STATION
+
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com