Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # STL
Description  SOFT-TERMINAL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

STL Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  STL Datasheet HTML 1Page - M-System Co.,Ltd. STL Datasheet HTML 2Page - M-System Co.,Ltd. STL Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: STL
STL SPECIFICATIONS
ES-1683 Rev.1 Page 2/3
http://www.m-system.co.jp/
EXTERNAL VIEW
AUTO/MANUAL switch
UP/DOWN switches
Monitor terminals
Indicator
0
20
100
40
60
80
%
UP
DOWN
M
A
STL
+
EXTERNAL DIMENSIONS unit: mm (inch)
80 (3.15)
9
(.35)
MOUNTING BRACKET
24 (.95)
approx. 20 (.79)
for wiring
0
20
100
40
60
80
%
UP
DOWN
M
A
STL
+
1
10
• Cable with connector
Approx. 1000 (3.3 ft)
* One end of the cable is cut off.
1
10
brown
red
yellow
green
purple
blue
orange
gray
white
black



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com