Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # STL
Description  SOFT-TERMINAL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

STL Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  STL Datasheet HTML 1Page - M-System Co.,Ltd. STL Datasheet HTML 2Page - M-System Co.,Ltd. STL Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: STL
STL SPECIFICATIONS
ES-1683 Rev.1 Page 1/3
http://www.m-system.co.jp/
SOFT-TERMINAL
(vertical type, size 24 x 96 mm)
• Auxiliary device for the M-UNIT series Analog Backup
Station (Model: AB2, MXAB) and Computer Backup Station
(Model: CB2, MXCB)
• Easy manual operation with the front indicator
• Output indicator 4 – 20 mA
• AUTO/MANUAL Switch
• Manual operation with UP/DOWN switches
• Monitor terminal provided
MODEL: STL
ORDERING INFORMATION
• Code number: STL
PACKAGE INCLUDES...
• Cable (1 meter; 3.3 ft) with connector
Connector: Japan Solderless Terminal MFG.Co.Ltd
VHR-10N
Lead wire: UL1007 AWG22 (with one end cut off)
GENERAL SPECIFICATIONS
Construction: Panel flush mounting
Connection
Connector: Japan Solderless Terminal MFG.Co.Ltd
B10-PS-VH-GU
Housing material
Unit:
Material: SPCC
Coating: Melamine resin
Color: Black
Mounting bracket: SUS304
Selector Switch: AUTO/MANUAL
Isolation: Input to output
Monitor terminal: 4 – 20 mA DC monitor terminals
INPUT & OUTPUT
■ UP-DOWN COMMAND OPERATION BUTTON
AUTO-MANUAL SELECTOR SWITCH
Contact resistance: 0.05 Ω or less
Contact rating: 0.4 VA, 28 V max. for both input/output;
operational voltage 20 mV – 28 V operational current 0.1
mA – 0.1 A
■ OUTPUT INDICATOR
Input: 4 – 20 mA DC
Input resistance: 20 Ω or less
INSTALLATION
Operating temperature: 0 to 40°C (32 to 104°F)
Operating humidity: 30 to 75 % RH (non-condensing)
Mounting: Panel flush mounting
Weight: 250 g (0.55 lb)
PERFORMANCE
Indicator accuracy: Class 2.5
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @1 minute (input or output
to ground)


Similar Part No. - STL

ManufacturerPart #DatasheetDescription
logo
SICK AG
STL-0608G10M075KM1 SICK-STL-0608G10M075KM1 Datasheet
230Kb / 3P
Plug connector cable
STL-0608G2M5075KM1 SICK-STL-0608G2M5075KM1 Datasheet
230Kb / 3P
Plug connector cable
STL-1204-G02MC SICK-STL-1204-G02MC Datasheet
242Kb / 4P
Plug Connector
STL-1204-G02ME90 SICK-STL-1204-G02ME90 Datasheet
225Kb / 4P
Plug connector cable
STL-1204-G02MZ90 SICK-STL-1204-G02MZ90 Datasheet
208Kb / 4P
Plug connectors and cables
More results

Similar Description - STL

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS5000 DALLAS-DS5000 Datasheet
937Kb / 18P
Soft Microcontroller
logo
International Rectifier
20ETF IRF-20ETF Datasheet
111Kb / 7P
FAST SOFT RECOVERY
logo
Infineon Technologies A...
IHW20T120 INFINEON-IHW20T120 Datasheet
320Kb / 14P
Soft Switching Series
Rev. 2 Apr-04
logo
SanRex Corporation
DCA150AA60 SANREX-DCA150AA60 Datasheet
59Kb / 2P
Soft Recovery Diode
logo
Crydom Inc.,
MCST1225 CRYDOM-MCST1225 Datasheet
1Mb / 5P
Microprocessor based soft-start / soft-stop controller
logo
Ferroxcube Internationa...
TX36-23-15 FERROXCUBE-TX36-23-15 Datasheet
48Kb / 4P
Soft Ferrites
logo
Infineon Technologies A...
IHW30N90T INFINEON-IHW30N90T_08 Datasheet
293Kb / 12P
Soft Switching Series
Rev. 2.3 Nov 08
logo
Tyco Electronics
1-480709-0 MACOM-1-480709-0 Datasheet
223Kb / 2P
Soft Shell Connectors
logo
List of Unclassifed Man...
MCCA001110 ETC2-MCCA001110 Datasheet
363Kb / 12P
Soft Terminal MLCC
logo
SemiHow Co.,Ltd.
HDAE30U120G SEMIHOW-HDAE30U120G Datasheet
405Kb / 3P
Soft Recovery Characteristics
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com