Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML-R2-K Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # SML-R2-K
Description  Single Loop Controller Series
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SML-R2-K Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  SML-R2-K Datasheet HTML 1Page - M-System Co.,Ltd. SML-R2-K Datasheet HTML 2Page - M-System Co.,Ltd. SML-R2-K Datasheet HTML 3Page - M-System Co.,Ltd. SML-R2-K Datasheet HTML 4Page - M-System Co.,Ltd. SML-R2-K Datasheet HTML 5Page - M-System Co.,Ltd. SML-R2-K Datasheet HTML 6Page - M-System Co.,Ltd. SML-R2-K Datasheet HTML 7Page - M-System Co.,Ltd. SML-R2-K Datasheet HTML 8Page - M-System Co.,Ltd. SML-R2-K Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
MODEL: SML
SML SPECIFICATIONS
ES-6371 Rev.4 Page 5/17
http://www.m-system.co.jp/
CONTACT INPUT MODULE
(Di 8 points)
MODEL: SML–A4–[1]
ORDERING INFORMATION
• Code number: SML-A4-[1]
Specify a code from below for [1].
(e.g. SML-A4-K)
[1] POWER INPUT
AC Power
K: 85 – 132 V AC
L: 170 – 264 V AC
DC Power
R: 24 V DC
GENERAL SPECIFICATIONS
Connection: M3.5 screw terminals
Isolation: NestBus to input to RUN contact output to power
to FG
Input status indicator LED: Red LEDs assigned to each
channel
INPUT SPECIFICATIONS
■ Contact Input
Input: Dry contact, 8 points
Commons: All negatives
Sensing: 24 V DC
ON current/resistance: 3 mA min., 1 kΩ max.
OFF current/resistance: 1 mA max., 50 kΩ min.
EXTERNAL VIEW
T1
PWR
RUN
2
4
1
3
5
7
6
8
T2
T3
T4
T5
T6
Input Status
Indicator LEDs
Card No. Set SW
Modular Jack
Euro Type Connector Terminal
Run Indicator LED
Jumper Pin
Power Indicator LED
TERMINAL CONNECTION (INPUT)
Base Socket
COM(–)
Di 6
Di 7
Di 8
15
1
2
11
5
4
3
6
9
12
10
Di 5
COM(–)
Di 4
Di 3
Di 2
Di 1
24V
1
2
3
4
5
6
7
8
Italic figures indicate LED No. on the front panel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com