Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML-R2-K Datasheet(PDF) 16 Page - M-System Co.,Ltd.

Part # SML-R2-K
Description  Single Loop Controller Series
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SML-R2-K Datasheet(HTML) 16 Page - M-System Co.,Ltd.

Back Button SML-R2-K Datasheet HTML 9Page - M-System Co.,Ltd. SML-R2-K Datasheet HTML 10Page - M-System Co.,Ltd. SML-R2-K Datasheet HTML 11Page - M-System Co.,Ltd. SML-R2-K Datasheet HTML 12Page - M-System Co.,Ltd. SML-R2-K Datasheet HTML 13Page - M-System Co.,Ltd. SML-R2-K Datasheet HTML 14Page - M-System Co.,Ltd. SML-R2-K Datasheet HTML 15Page - M-System Co.,Ltd. SML-R2-K Datasheet HTML 16Page - M-System Co.,Ltd. SML-R2-K Datasheet HTML 17Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
MODEL: SML
SML SPECIFICATIONS
ES-6371 Rev.4 Page 16/17
http://www.m-system.co.jp/
ANALOG & CONTACT OUTPUT MODULE
(Ao 4 + Do 4 points (relay))
MODEL: SML-S6–[1]
ORDERING INFORMATION
• Code number: SML-S6-[1]
Specify a code from below for [1].
(e.g. SML-S6-K)
[1] POWER INPUT
AC Power
K: 85 – 132 V AC
L: 170 – 264 V AC
DC Power
R: 24 V DC
GENERAL SPECIFICATIONS
Connection: M3.5 screw terminals
Isolation: NestBus to output to RUN contact output to power
to FG
Output status indicator LED: Red LEDs assigned to each
contact channel (No. 1 – 4 for output)
OUTPUT SPECIFICATIONS
■ Analog Output
Output: DC voltage, 4 points
Operational range: 0.5 – 5.5 V DC (1 – 5 V DC)
Commons: All negatives
Load resistance: 10 kΩ minimum
■ Contact Output
Output: Relay contact, 4 points
Commons: 1 common per 4 points
Rating: 100 V AC @ 0.5 A (cos ø = 1)
30 V DC @ 0.5 A (resistive load)
Maximum switching voltage: 250 V AC or 220 V DC
Maximum switching power: 62.5 VA or 60 W
Minimum load: 10 mV DC @ 1 mA
Mechanical life: 5 × 107 cycles
PERFORMANCE in percentage of span
D/A conversion: ±0.1 %
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
EXTERNAL VIEW
T1
PWR
RUN
2
4
1
3
T2
T3
T4
T5
T6
Output Status
Indicator LEDs
Card No. Set SW
Modular Jack
Euro Type Connector Terminal
Run Indicator LED
Jumper Pin
Power Indicator LED
TERMINAL CONNECTION (OUTPUT)
COM1(–)
Base Socket
COM2
Do 2
Do 3
Do 4
15
1
2
11
5
4
3
6
9
12
10
Do 1
Ao 4
Ao 3
Ao 2
Ao 1
1
2
3
4
Italic figures indicate LED No. on the front panel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com