Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML-R2-K Datasheet(PDF) 11 Page - M-System Co.,Ltd.

Part # SML-R2-K
Description  Single Loop Controller Series
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SML-R2-K Datasheet(HTML) 11 Page - M-System Co.,Ltd.

Back Button SML-R2-K Datasheet HTML 7Page - M-System Co.,Ltd. SML-R2-K Datasheet HTML 8Page - M-System Co.,Ltd. SML-R2-K Datasheet HTML 9Page - M-System Co.,Ltd. SML-R2-K Datasheet HTML 10Page - M-System Co.,Ltd. SML-R2-K Datasheet HTML 11Page - M-System Co.,Ltd. SML-R2-K Datasheet HTML 12Page - M-System Co.,Ltd. SML-R2-K Datasheet HTML 13Page - M-System Co.,Ltd. SML-R2-K Datasheet HTML 14Page - M-System Co.,Ltd. SML-R2-K Datasheet HTML 15Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
MODEL: SML
SML SPECIFICATIONS
ES-6371 Rev.4 Page 11/17
http://www.m-system.co.jp/
ANALOG OUTPUT MODULE
(Ao 4 points)
MODEL: SML–M4–[1]
ORDERING INFORMATION
• Code number: SML-M4-[1]
Specify a code from below for [1].
(e.g. SML-M4-K)
[1] POWER INPUT
AC Power
K: 85 – 132 V AC
L: 170 – 264 V AC
DC Power
R: 24 V DC
GENERAL SPECIFICATIONS
Connection: M3.5 screw terminals
Isolation: NestBus to output to RUN contact output to power
to FG
OUTPUT SPECIFICATIONS
■ Analog Output
Output: DC voltage, 4 points
Operational range: 0.5 – 5.5 V DC (1 – 5 V DC)
Commons: All negatives
Load resistance: 10 kΩ minimum
PERFORMANCE in percentage of span
D/A conversion: ±0.1 %
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
EXTERNAL VIEW
T1
PWR
RUN
T2
T3
T4
T5
T6
Card No. Set SW
Modular Jack
Euro Type Connector Terminal
Run Indicator LED
Jumper Pin
Power Indicator LED
TERMINAL CONNECTION (OUTPUT)
Base Socket
4
5
6
12
1
10
9
2
11
15
3
COM(–)
Ao 4
Ao 3
Ao 2
Ao 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com