Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMA-S-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # TMA-S-R
Description  ANALOG TELEMETERING MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

TMA-S-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  TMA-S-R Datasheet HTML 1Page - M-System Co.,Ltd. TMA-S-R Datasheet HTML 2Page - M-System Co.,Ltd. TMA-S-R Datasheet HTML 3Page - M-System Co.,Ltd. TMA-S-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ES-5211 Rev.7
P. 3 / 4
INSTALLATION INSTRUCTIONS
■LIGHTNING PROTECTION
Long distance transmission system via cables are often
destroyed by inductive surge of lightning. In order to
prevent lightning surges entering through power sup-
ply line and signal line, proper procedure will be
required.
Specify M-System's special lightning ar-
rester M-RESTER for this purpose. Fuses provided by
NTT do not meet to the protecting purpose of transmis-
sion cable.
■CABLE RESISTANCE OF NTT SPECIAL LINE
Check that cable resistance (including return) of the
NTT special line is within 3kΩ. In general, it is around
1kΩ and does not cause any problem.
4
3
1
2
7
8
TMA-S
4
3
1
2
7
8
TMA-R
8
1
4
5
2
MA-100/200
S–
S+
P+
P–
MDP-24-1
G
P–
P+
S+
S–
MDP-24-1
G
+
+
INPUT
OUTPUT
POWER
+
POWER
5
4
1
8
2
MA-100/200
S–
S+
P+
P–
MDP-24-1
G
TELEPHONE LINE
(leased circuit)
FUSE BOX
LEASED CIRCUIT
50 bps
REMOTE
LOCAL
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
+
+
Isolation
*
Base Socket
S
Z
*Input shunt resistor attached for current input.
INPUT
3
Low Drift
Amplifier
Output
Driver
OUTPUT
R
4
5
6
1
2
U(+)
V(–)
POWER
7
8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com