Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMA-S-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # TMA-S-R
Description  ANALOG TELEMETERING MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

TMA-S-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  TMA-S-R Datasheet HTML 1Page - M-System Co.,Ltd. TMA-S-R Datasheet HTML 2Page - M-System Co.,Ltd. TMA-S-R Datasheet HTML 3Page - M-System Co.,Ltd. TMA-S-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TMA
ES-5211 Rev.7
Specifications subject to change without notice.
INSTALLATION
Power input
AC:
operational voltage range: rating ±10%,
50/60 ±2 Hz, approx. 2VA
DC:
operational voltage range: rating ±10%
(ripple 10% p-p max.)
approx. 80mA at 24V
approx. 160mA at 12V
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90% RH (non-condensing)
Mounting: surface or DIN rail
Dimensions: W50×H80×D123 mm (1.97"×3.15"×4.84")
Weight:
400 g (0.88 lbs)
P. 2 / 4
PERFORMANCE in percentage of span
Accuracy: ±0.1%
Temp. coefficient: ±0.015%/°C (±0.008%/°F)
Response time: ≤0.5 seconds (0 – 90%)
Line voltage effect: ±0.1% over voltage range
Insulation resistance: ≥100MΩ with 500V DC
Dielectric strength: 1000V AC @1 minute
(input to output to power)
2000V AC @1 minute (input to ground)
2000V AC @1 minute (output to ground)
EXPLANATIONS
■The TMA Telemetering Module provides 1 to 5mA DC current signal. The current signal has a high impedance
of 5MΩ and thus the signal level is not affected by leadwire resistance of cable connected to the receiving
instrument, the receiving resistor receives a current signal proportional to the input signal 1 to 5V DC.
The current varies only by 0.02% (=1kΩ / 5MΩ) when the leadwire resistance value changes from 0Ω to 1kΩ.
3
4
1
2
3
4
1
2
TMA-S
TMA-R
TRANSMITTING
POINT
RECEIVING
POINT
E
INPUT
OUTPUT
1kΩ
r
r
1 – 5mA DC
1 – 5mA DC
■AVAILABLE NTT LINE
Among the several circuit lines opened by NTT (Nip-
pon Telephone & Telegraph), the TMA utilizes the
“special DC line” of 50 b/s.
The following shows the conditions to use this line.
■LEADWIRE RESISTANCE
Most popular wire size among the cables for city
telecommunication lines is that of 0.65 mm diameter.
This wire has about 100Ω of leadwire resistance for 1
kilometer with return, thus 3kΩ is for about 30
kilometers.
mm2
0.65
0.90
Cable size
mm2
1.25
2.00
Approx. Resistance
(Ω/km; including return)
100
55
35
20
ITEM
DATA
Transmission speed
50 b/s max.
Technical configuration
2-wire (metalic return)
4-wire (metalic return
Communication
Uni-directional, full-duplex
Intersection
Not allowed
Circuit protection
Required
Electrical characteristics
Current 45mA max.
Voltage between lines 100V max.
Voltage to ground 50V max.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com