Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMA-S-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # TMA-S-R
Description  ANALOG TELEMETERING MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

TMA-S-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  TMA-S-R Datasheet HTML 1Page - M-System Co.,Ltd. TMA-S-R Datasheet HTML 2Page - M-System Co.,Ltd. TMA-S-R Datasheet HTML 3Page - M-System Co.,Ltd. TMA-S-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ES-5211 Rev.7
MODEL
Telemetering System
TMA
Functions & Features
• Transmitting 1-point analog signal (water level,
pressure, flow or ingredients analysis) through NTT
(Nippon Telephone & Telegraph) personal telecom-
munication line of 50 b/s • Both transmitter (TMA-
S) and receiver (TMA-R) modules are approved of
Technical Requirements Compliance Approval by
Japan Approval Institute for Telecommunications
Equipment • Approval No. M90-N239-0 (TMA-S),
M90-N240-1 (TMA-R) • No interference by induc-
tion noise • Output circuit isolated from input and
power circuits • Compact plug-in construction easy
to install and maintain
MODEL & SUFFIX CODE SELECTION
TMA–❑–❑
MODEL
FUNCTION
S :Transmitter
R : Receiver
POWER INPUT
AC Power
DC Power
B : 100V AC
G : 200V AC
S : 12V DC*
C :110V AC
H : 220V AC
R : 24V DC*
D :115V AC
J : 240V AC
F : 120V AC
*24V DC (Code R) and 12V DC (Code S) are not ap-
proved by Japan Approvals Institute for Telecommu-
nications Equipment.
Therefore an individual application will be necessary
for using the TMA on NTT telecom. line.
ANALOG TELEMETERING MODULE
P. 1 / 4
50
(1.97)
123
(4.84)
80
(3.15)
mm (inch)
TMA
M•UNIT
Model
SPAN
ZERO
INPUT & OUTPUT
■TRANSMITTER (model: TMA-S)
•Input:1 – 5V DC
For a current input, specify a resistance
value to convert it into 1 – 5V when
ordering.
Input resistance: 1MΩ minimum
•Output:1 – 5mA DC
Load resistance: 3kΩ maximum
■RECEIVER (model: TMA-R)
•Input:1 – 5mA DC
Shunt resistor attached to input termi-
nals (included in the product package)
Input resistance: 10Ω
•Output:4 – 20mA DC
Load resistance: 750Ω maximum
ORDERING INFORMATION
Specify code number. (e.g. TMA-S-B)
GENERAL SPECIFICATIONS
Construction: plug-in
Connection: M3.5 screw terminals
Housing material: flame-resistant resin (black)
Isolation:
input to output to power
Front adjustments: zero and span; ±5%


Similar Part No. - TMA-S-R

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TMA-13-6003 TELEDYNE-TMA-13-6003 Datasheet
889Kb / 2P
Amplifier 6 GHz - 13 GHz
TMA-13-6004 TELEDYNE-TMA-13-6004 Datasheet
887Kb / 2P
Amplifier 6 GHz - 13 GHz
TMA-13-6005 TELEDYNE-TMA-13-6005 Datasheet
887Kb / 2P
Amplifier 6 GHz - 13 GHz
logo
Mobile Mark, Inc.
TMA-14-2VT MOBILEMARK-TMA-14-2VT Datasheet
578Kb / 1P
TACTICAL MESH SURFACE MOUNT ANTENNA
02/2026
TMA-14-2VT MOBILEMARK-TMA-14-2VT Datasheet
532Kb / 1P
TACTICAL MESH SURFACE MOUNT ANTENNA
02/2026
More results

Similar Description - TMA-S-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2240-002 ETC2-2240-002 Datasheet
456Kb / 3P
ANALOG ACCELEROMETER MODULE
2220-002 ETC2-2220-002 Datasheet
416Kb / 3P
ANALOG ACCELEROMETER MODULE
2210-002 ETC2-2210-002 Datasheet
538Kb / 3P
ANALOG ACCELEROMETER MODULE
logo
Contec Co., Ltd
CPS-AI-1608LI CONTEC-CPS-AI-1608LI Datasheet
541Kb / 2P
Analog Input Module
logo
M-System Co.,Ltd.
22LS1 MSYSTEM-22LS1 Datasheet
187Kb / 7P
Telemetering System
DAST20 MSYSTEM-DAST20 Datasheet
383Kb / 22P
Telemetering System
DLS MSYSTEM-DLS Datasheet
224Kb / 10P
TELEMETERING UNIT
TMR MSYSTEM-TMR Datasheet
62Kb / 4P
CONTACT TELEMETERING MODULE
logo
Greystone Energy System...
GT-AR-2 GREYSTONE-GT-AR-2 Datasheet
129Kb / 1P
ANALOG RELAY MODULE
GT-ASM GREYSTONE-GT-ASM Datasheet
275Kb / 1P
ANALOG SCALING MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com