Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL611-30XXXMC-R Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PL611-30XXXMC-R
Description  Programmable Quick Turn Clock
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL611-30XXXMC-R Datasheet(HTML) 1 Page - PhaseLink Corporation

  PL611-30XXXMC-R Datasheet HTML 1Page - PhaseLink Corporation PL611-30XXXMC-R Datasheet HTML 2Page - PhaseLink Corporation PL611-30XXXMC-R Datasheet HTML 3Page - PhaseLink Corporation PL611-30XXXMC-R Datasheet HTML 4Page - PhaseLink Corporation PL611-30XXXMC-R Datasheet HTML 5Page - PhaseLink Corporation PL611-30XXXMC-R Datasheet HTML 6Page - PhaseLink Corporation PL611-30XXXMC-R Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Preliminary
PL611-30
Programmable Quick Turn ClockTM
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com Rev 03/03/05 Page 1
FEATURES
• Advanced programmable PLL design
• Very low Jitter and Phase Noise (< 40ps Pk-Pk typical)
• Output frequency up to 375MHz CMOS.
• Supports differential CMOS output to produce PECL,
LVDS inputs.
• Crystal inputs:
o
Fundamental crystal: 10MHz-30MHz
o
3RD overtone crystal: Up to 75MHz
o
Reference input: Up to 200MHz
• Accepts <1.0V reference signal input voltage
• One programmable I/O pin can be configured as
Output Enable (OE), or Frequency Selection input
(FSEL), or Reference clock.
• Single 3.3V ± 10% power supply
• Operating temperature range from -40°C to 85°C
• Available in 8-pin MSOP/SOIC, 6-pin SOT Green/
RoHS compliant packages.
PIN CONFIGURATION
DESCRIPTION
The PL611-30 is a low-cost general purpose frequency synthesizer and a member of PhaseLink’s Factory
Programmable ‘Quick Turn Clock (QTC)’ family. PhaseLink’s PL611-30 product family can generate any output
frequency up to 375 MHz from fundamental crystal input between 10 MHz - 30 MHz, or a 3rd overtone crystal of
up to 75Mhz. The PL611-30 produces differential CMOS outputs to support PECL, LVDS, and CMOS inputs.
BLOCK DIAGRAM
1
2
3
4
5
6
7
8
XIN/FIN
GND
CLK0
XOUT
DNC
VDD
1
2
3
4
5
6
7
8
CLK1
CLK2, OE, FSEL
SOP-8
MSOP-8
Phase
Detector
Charge
Pump
Loop
Filter
VCO
Xtal
OSC
XIN/FIN
XOUT
P-counter
(5-bit)
M-counter
( 6-bit)
R-counter
CLK[0:1]
CLK2
FRef
.
OE
FSEL
FVCO = F Ref. * (2 * M /R)
FOut = FVCO / (2 * P)
CLoad
Programmable Function
/1, /2


Similar Part No. - PL611-30XXXMC-R

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611-01 PLL-PL611-01 Datasheet
263Kb / 6P
Programmable Quick Turn Clock
PL611-01-XXXMC PLL-PL611-01-XXXMC Datasheet
263Kb / 6P
Programmable Quick Turn Clock
PL611-01-XXXMC-R PLL-PL611-01-XXXMC-R Datasheet
263Kb / 6P
Programmable Quick Turn Clock
PL611-01-XXXMI PLL-PL611-01-XXXMI Datasheet
263Kb / 6P
Programmable Quick Turn Clock
PL611-01-XXXMI-R PLL-PL611-01-XXXMI-R Datasheet
263Kb / 6P
Programmable Quick Turn Clock
More results

Similar Description - PL611-30XXXMC-R

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS300 ICST-ICS300 Datasheet
64Kb / 4P
QTClock??Quick Turn Clock Synthesizer
Revision 111000
logo
PhaseLink Corporation
PL611-01 PLL-PL611-01 Datasheet
263Kb / 6P
Programmable Quick Turn Clock
PL611-05 PLL-PL611-05 Datasheet
237Kb / 4P
Programmable Quick Turn Clock
PL611-07 PLL-PL611-07 Datasheet
237Kb / 4P
Programmable Quick Turn Clock
PL611-20 PLL-PL611-20 Datasheet
261Kb / 7P
Programmable Quick Turn Clock
PL611-25 PLL-PL611-25 Datasheet
234Kb / 5P
Programmable Quick Turn Clock
PL611S-06 PLL-PL611S-06 Datasheet
209Kb / 8P
Low-Power Programmable Quick Turn ClockTM
PL611S-08 PLL-PL611S-08 Datasheet
210Kb / 8P
Low-Power Programmable Quick Turn ClockTM
logo
Leshan Radio Company
LR432A LRC-LR432A Datasheet
2Mb / 4P
LINEAR INTEGRATED CIRCUIT Quick Turn-on
logo
Mini-Circuits
ANNEQ-50X MINI-ANNEQ-50X Datasheet
161Kb / 2P
Termination Quick-Turn
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com