Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBTO232+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # USBTO232+
Description  Convenient Test Points Provided On-Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

USBTO232+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  USBTO232+ Datasheet HTML 1Page - Maxim Integrated Products USBTO232+ Datasheet HTML 2Page - Maxim Integrated Products USBTO232+ Datasheet HTML 3Page - Maxim Integrated Products USBTO232+ Datasheet HTML 4Page - Maxim Integrated Products USBTO232+ Datasheet HTML 5Page - Maxim Integrated Products USBTO232+ Datasheet HTML 6Page - Maxim Integrated Products USBTO232+ Datasheet HTML 7Page - Maxim Integrated Products USBTO232+ Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX1132 evaluation system (EV system) is a com-
plete, single-channel data-acquisition system, consisting
of the MAX1132 evaluation kit (EV kit), Maxim
68HC16MODULE-DIP microcontroller (µC) module, and
USBTO232. The MAX1132 is a high-speed, single-chan-
nel, 16-bit data acquisition system. Windows®
98/2000/XP-compatible software provides a handy user
interface to exercise the MAX1132’s features. Order the
complete EV System (MAX1132EVC16) for comprehen-
sive evaluation of the MAX1132 using a PC. Order the EV
kit (MAX1132EVKIT) if the 68HC16MODULE-DIP module
has already been purchased with a previous Maxim EV
system, or for custom use in other µC-based systems.
Features
o Proven PCB Layout
o Complete Evaluation System
o Convenient Test Points Provided On-Board
o Data-Logging Software
o Fully Assembled and Tested
o EV Kit Software Supports Windows® 98/2000/XP
with RS-232/COM Port
o EV Kit Software Supports Windows 2000/XP with
USB Port
MAX1132 Evaluation Kit/Evaluation System
________________________________________________________________ Maxim Integrated Products
1
19-2161; Rev 1; 12/06
MAX1132EVC16 System
Component List
Ordering Information
MAX1132EVKIT Parts List
PART
QTY
DESCRIPTION
MAX1132EVKIT
1
MAX1132 EV kit
68HC16MODULE-DIP
1
68HC16 µC module
USBTO232+
1
USB-to-COM port adapter
board
List of Files in MAX1132
EV Kit
FILE
DESCRIPTION
INSTALL.EXE
Installs the EV kit files on computer
MAX1132.EXE
Application program
KIT1132.C16
Software loaded into 68HC16 µC
PART
TEMP RANGE
INTERFACE
MAX1132EVKIT
0°C to +70°C
User supplied
MAX1132EVC16
0°C to +70°C
Windows software
REFERENCE
QTY
DESCRIPTION
C1, C2
2
10µF 10V B-size tantalum capacitors
C3
1
2.2µF 10V X7R ceramic capacitor
C4
1
0.22µF X7R ceramic capacitor (1206)
C5, C6, C8
3
0.1µF X7R ceramic capacitors (1206)
C7
1
1µF X7R ceramic capacitor (1206)
FB1, FB2
2
Ferrite beads
J1
1
2 x 20 right-angle socket
SamTec SSW-120-02-S-D-RA
JU1, JU5
2
3-pin headers
JU2, JU3, JU4
2
2-pin headers
R1
1
100k
Ω ±1% 1206 resistor
TB1, TB2
2
0.200in screw terminal blocks
TP1
1
9-pin header
U1
1
MAX1132BCAP
U2
1
74HC04 (14-pin SO) hex inverter
—
1
PCB: MAX1132EVKIT
—
1
3.5in software disk, MAX1132 EV kit
—
1
MAX1132 EV kit data sheet
(includes 68HC16MODULE-DIP
manual)
—
1
MAX1132 data sheet
Windows is a registered trademark of Microsoft Corp.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Note: The MAX1132 EV kit software is included with the
MAX1132 EV kit, but is designed for use with the complete EV
system. The EV system includes the Maxim 68HC16MODULE-
DIP µC module, a USBTO232+ USB-to-COM port adapter
board, and the EV kit. If the Windows software will not be used,
the MAX1132 EV kit board can be purchased by itself, without
the µC and adapter board.


Similar Part No. - USBTO232+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
USBTO232+ MAXIM-USBTO232+ Datasheet
232Kb / 8P
Fully Assembled and Tested
Rev 1; 12/06
USBTO232+ MAXIM-USBTO232+ Datasheet
127Kb / 8P
Convenient Test Points Provided On-Board
Rev 0; 3/97
More results

Similar Description - USBTO232+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1473EVKIT MAXIM-MAX1473EVKIT Datasheet
294Kb / 6P
Multiple Test Points Provided On-Board
Rev 1; 5/05
DS2488EVKIT MAXIM-DS2488EVKIT Datasheet
1Mb / 11P
Convenient On-Board Test Points
Rev 0; 9/20
MAX1110EVKIT-DIP MAXIM-MAX1110EVKIT-DIP Datasheet
127Kb / 8P
Convenient Test Points Provided On-Board
Rev 0; 3/97
MAX197EVKIT MAXIM-MAX197EVKIT Datasheet
199Kb / 14P
Convenient Test Points Provided On-Board
Rev 1; 7/95
MAX110EVKIT MAXIM-MAX110EVKIT Datasheet
685Kb / 19P
Convenient Test Points Provided On-Board
Rev 1a; 8/05
MAX1450EVKIT MAXIM-MAX1450EVKIT Datasheet
110Kb / 8P
Convenient Test Points Provided On-Board
Rev 0; 1/00
MAX1258EVC16 MAXIM-MAX1258EVC16 Datasheet
486Kb / 41P
Convenient On-Board Test Points
Rev 1; 5/07
MAX1246EVKIT MAXIM-MAX1246EVKIT Datasheet
116Kb / 8P
Convenient On-Board Test Points
Rev 1; 6/97
MAX1241EVKIT MAXIM-MAX1241EVKIT Datasheet
1Mb / 16P
Convenient On-Board Test Points
Rev 1; 8/97
MAX6651EVCMAXQU MAXIM-MAX6651EVCMAXQU Datasheet
252Kb / 8P
Convenient On-Board Test Points
Rev 1; 5/07
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com