Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBTO232+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # USBTO232+
Description  Convenient Test Points Provided On-Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

USBTO232+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  USBTO232+ Datasheet HTML 1Page - Maxim Integrated Products USBTO232+ Datasheet HTML 2Page - Maxim Integrated Products USBTO232+ Datasheet HTML 3Page - Maxim Integrated Products USBTO232+ Datasheet HTML 4Page - Maxim Integrated Products USBTO232+ Datasheet HTML 5Page - Maxim Integrated Products USBTO232+ Datasheet HTML 6Page - Maxim Integrated Products USBTO232+ Datasheet HTML 7Page - Maxim Integrated Products USBTO232+ Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
graphed. Once displayed, the data can optionally be
saved to a file.
Saving Graphs to Disk
Data in the real-time graph and in sampled data graphs
may be saved to a file. Only the raw output codes are
saved, but voltages may be inferred based on the ref-
erence voltage and the maximum code value.
Evaluating Shutdown
The evaluation software configures the 68HC16’s QSPI
submodule to continuously read data from the MAX1132
into the 68HC16. The sample rate is controlled by the
QSPI clock. To evaluate power-saving modes, these
automatic updates must be stopped. First, set the QSPI
clock control to STOP. This reconfigures the 68HC16’s
QSPI submodule to stop driving the serial clock. Second,
in the evaluation software’s main window, uncheck the
Read Every checkbox. Next, choose the desired software
power-down control word, and click the Read button to
send the new configuration to the MAX1132. If evaluating
the hardware shutdown, move JU2 to the 2-3 position.
Reference Voltage
The evaluation software assumes a +4.096V reference
voltage and a +12V full-scale voltage, unless otherwise
specified. Refer to the MAX1132 data sheet for more
information. To override these values, type the new val-
ues into the appropriate edit box and click the Set VREF
button.
Detailed Description
of Hardware
The MAX1132 (U1) is a high-speed, single-channel, 16-
bit data-acquisition system. There is no antialiasing filter
provided. The input signal may be applied directly to
JU2. High-impedance signal sources may require an
input buffer, which may be installed in the prototype
area. C4 bypasses the bandgap reference, and C3
bypasses the A/D converter‘s voltage reference. When
plugged into the 68HC16MODULE, the AVDD and DVDD
circuits are both powered by +5V. (Figure 1). Refer to the
MAX1132 data sheet.
Evaluating the MAX1133
To change the evaluation software's full-scale voltage
for use with the MAX1133, type 4.096 into the full-scale
edit box and click the Set VREF button.
Troubleshooting
Problem: No output measurement. System seems to
report zero voltage, or fails to make a measurement.
Check VDD and VLOGIC supply voltages. Check the
+4.096V reference voltage using a digital voltmeter.
MAX1132 Evaluation Kit/Evaluation System
4
_______________________________________________________________________________________



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com