Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBTO232+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # USBTO232+
Description  Convenient Test Points Provided On-Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

USBTO232+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  USBTO232+ Datasheet HTML 1Page - Maxim Integrated Products USBTO232+ Datasheet HTML 2Page - Maxim Integrated Products USBTO232+ Datasheet HTML 3Page - Maxim Integrated Products USBTO232+ Datasheet HTML 4Page - Maxim Integrated Products USBTO232+ Datasheet HTML 5Page - Maxim Integrated Products USBTO232+ Datasheet HTML 6Page - Maxim Integrated Products USBTO232+ Datasheet HTML 7Page - Maxim Integrated Products USBTO232+ Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Use an oscilloscope to verify that the conversion-start
signal is being strobed. Verify that
SHDN is being dri-
ven high.
Problem: Unacceptable errors when measuring a
transducer.
Although most signal sources can be connected directly
to the MAX1132’s analog input, some high-impedance
signal sources may require an input buffer. Check for
settling errors by increasing the acquisition time: operate
the evaluation kit in external clock mode, 32 clocks per
conversion, with the QSPI clock at its slowest setting.
Problem: Measurements are erratic, unstable; poor
accuracy.
Check the reference voltage and input using a digital
voltmeter. Use an oscilloscope to check for noise.
When probing for noise, keep the oscilloscope ground
MAX1132 Evaluation Kit/Evaluation System
_______________________________________________________________________________________
5
JU3
120
19
18
16
14
13
12
11
15
17
REF
REFADJ
AGND
AVDD
DVDD
AVDD
AVDD
DGND
AVDD
SHDN
P1
P0
P2
SSTRB
AIN
AGND
CREF
CS
DIN
DVDD
DVDD
DVDD
DGND
SCLK
RST
DOUT
C3
2.2
µF
10V
MAX1132
C2
10
µF
10V
C1
10
µF
10V
2
3
4
5
6
8
9
4
3
2
1
7
10
C4
0.22
µF
C7
1.0
µF
C6
0.1
µF
C5
0.1
µF
JU4
JU2
TB1
FB2
DVDD
TP1-2
J1-29
J1-7
1
2
JU1
3
DVDD
TB2
DVDD
C8
0.1
µF
1
2
JU5
3
TP1-4
TP1-5
J1-38
J1-36
TP1-6
J1-37
TP1-7
J1-31
TP1-8
U2-A
U2-B
74HC04
U2-C
74HC04
56
U2-D
74HC04
98
U2-F
74HC04
11
10
U2-G
74HC04
13
12
74HC04
J1-35
TP1-3
J1-27
NOTES:
1. MINIMIZE PARASITIC CAPACITANCE OF U1 PIN 11–U2 PIN 1.
KEEP THE TRACE SHORT AND KEEP GROUND PLANE 0.025in AWAY.
2. U2 SUPPLY AND GROUND RETURN SHOULD BE ROUTED TO CONNECTOR J1, NOT FLOODED.
FB1
J1-8
J1-1
J1-2
J1-3
J1-4
TP1-1
TP1-2
R1
100k
Ω
Figure 1. MAX1132 EV Kit Schematic Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com