Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C32MODULE-DIP Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # 80C32MODULE-DIP
Description  Unipolar 4.096V or Bipolar -2.048V to 2.048V Input Ranges
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

80C32MODULE-DIP Datasheet(HTML) 2 Page - Maxim Integrated Products

  80C32MODULE-DIP Datasheet HTML 1Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 2Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 3Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 4Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 5Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 6Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 7Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 8Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MAX186 EV System Quick Start
The MAX186 EV system includes a Maxim 80C32 module
and a MAX186 EV kit. The two connect through a 40-pin
data connector on adjoining edges of the boards. The EV
system then connects to an IBM-compatible computer
running software provided with the MAX186 EV kit.
The personal computer and the 80C32 module are con-
nected via a standard RS-232 serial communication
port. If the serial port on the personal computer has the
standard 9-pin connector, a straight through cable is
used to attach the board. Systems with a 25-pin serial
port connector need an adapter or adapter cable (D25
female to D9 male). Both the adapter and the cable are
available at most computer supply stores.
The steps for using the MAX186 EV system are outlined
as follows:
1) Visit www.maxim-ic.com/evkitsoftware to download
the latest version of the EV kit software. Save the EV
kit software to a temporary folder and uncompress
the file (if it is a .zip file).
2) Install the MAX186 EV kit software on your comput-
er by running the INSTALL.EXE program. The pro-
gram files are copied and icons are created for
them in the Windows Start | Programs menu.
3) Connect the MAX186 evaluation board to the 40-pin
data connector on the Maxim 80C32 module.
4) Connect an 8V to 16V source to the 2-pin power
connector on the 80C32 module. The positive lead
connects to the terminal marked VIN.
5) Connect a cable from the personal computer serial
connector to the 9-pin RS-232 connector on the
80C32 module.
6) Turn on the power to the 80C32 module. The switch
is located on one edge of the board. The LED indi-
cates power from the on-board regulator.
7) Start the MAX186 program by opening its icon in
the Windows Start | Programs menu.
8) The 80C32 will transmit a logon message and RAM
test results when communications are initialized.
The MAX186 RAM resident program will then be
automatically downloaded.
9) Connect the analog inputs to the CH0-CH7 pads
and observe the readout on the screen.
MAX186 EV Kit Quick Start
This section applies only to use of the MAX186EVKIT-
DIP without the 80C32 module.
The MAX186 evaluation board can easily be configured
in the quick-look circuit of Figure 5 of the MAX186/
MAX188 data sheet. All of the necessary digital pins
are provided on the 8-pin header located along the bot-
tom edge of the board. Each pin function is indicated
by labels below the header.
MAX186 Evaluation System/Evaluation Kit
2
_______________________________________________________________________________________
DESIGNATION
QTY
DESCRIPTION
C1, C2,
C3, C4, C8
5
10µF 16V radial electrolytic
capacitors
C6*
1
22µF low-ESR radial electrolytic
capacitor
C5, C7,
C9, C10
4
0.1µF ceramic capacitors
C11-C18
8
0.01µF ceramic capacitors
R1-R8
8
300
Ω 5% resistors
R9*
1
10k
Ω 9-resistor SIP
U1
1
Maxim MAX186DCPP
U2
1
Maxim ICL7660CPA
U3
1
Maxim DG413DJ
J1
1
Female 40-pin data connector
None
1
20-pin IC socket for U1
H1
1
8-pin header
None
1
3.00in x 3.75in PCB
None
4
Rubber feet
None
1
MAX186 EV kit software on a
5 1/4in floppy disk
None
1
MAX186 data sheet
None
1
MAX186 EV kit manual
*C6 and R9 are supplied with the kit but not mounted on the
PCB.
QTY
DESCRIPTION
1
MAX186 evaluation kit (MAX186EVKIT-DIP)
EV System Component List
EV Kit Component List
1
80C32 µC module (80C32MODULE-DIP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com