Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C32MODULE-DIP Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # 80C32MODULE-DIP
Description  Unipolar 4.096V or Bipolar -2.048V to 2.048V Input Ranges
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

80C32MODULE-DIP Datasheet(HTML) 3 Page - Maxim Integrated Products

  80C32MODULE-DIP Datasheet HTML 1Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 2Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 3Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 4Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 5Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 6Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 7Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 8Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
1) Solder the 10-pin SIP resistor, provided with the kit,
in the R9 location on the EV kit board. The SIP resis-
tors act as pull-ups for the digital signals connected
to the 8-pin header. The marked end of R9 is pin 1.
2) Connect +5V and ground (GND) to the appropriate-
ly labeled pads on the evaluation board.
3) To operate the MAX186 in single-supply mode,
ground the header pin marked VSEL. Leaving the
pin open sets the MAX186 VSS pin to -5V (dual-sup-
ply operation).
4) Connect a clock signal (0.1MHz to 0.4MHz*) to the
header pin, labeled SCLK.
5) Ground the header pin, labeled CS.
6) Connect an analog input source to the channel 7
input pad, labeled CH7.
7) Connect an oscilloscope, as shown in Figure 5 of
the MAX186/MAX188 data sheet.
*
To run at clock frequencies up to 2MHz, an external
compensation capacitor must be connected to the
VREF pin. Install the 22µF capacitor supplied with the
kit in location C6, and cut the trace across jumper
JU2 to disable the MAX186 internal compensation.
Detailed Description
VSS Circuit
An ICL7660 +5V to -5V converter and a DG413 analog
switch (mounted on the MAX186 evaluation board) pro-
vide the means to switch the MAX186’s VSS voltage
between ground and -5V. The analog switch is not
required for most application circuits because the VSS
voltage will be fixed at either -5V or ground. A negative
VSS supply is required only when the MAX186’s input is
expected to go below ground.
The ICL7660 provides a -5V source with minimal addi-
tional circuitry. The ICL7660 converter circuit on the
MAX186 EV kit is the standard circuit for +5V to -5V
conversion. Its 10mA output capacity is much more
than is needed by the MAX186, which requires only
50µA. The additional current is available for user cir-
cuits in the prototyping area. For applications where
the MAX186 is the only load, the 10µF capacitors may
be reduced to 0.1µF.
MAX186 Evaluation System/Evaluation Kit
_______________________________________________________________________________________
3
Serial Interface
The 80C32 and MAX186 communicate through the 8
bits of port 1 on the 80C32. Table 1 lists the function of
each bit. The 80C32 drives MAX186 input data on the
DIN bit and receives data from the MAX186 on the
DOUT bit. For the first eight clock cycles after chip-
select (CS) goes low, DIN data is clocked into the
MAX186 on the rising edge of the serial clock (SCLK)
signal. For the 12 data-output clock cycles, the
MAX186 updates DOUT data on the falling edge of
SCLK. See the MAX186 data sheet for complete infor-
mation concerning the serial interface; Figures 6-12 of
the MAX186/MAX188 data sheet are timing diagrams
for operating in the internal and external clock modes.
Note that the maximum conversion rate of the EV sys-
tem is limited to 5ksps, because of the speed limitation
of the 80C32. For evaluation at full speed, see the
MAX186 EV Kit Quick Start section.
Table 1. Port 1 Bit Functions
MAX186 DIN pin. Transfers data from
the 80C32 to the MAX186.
DIN
P1.7
P1.6
CS
MAX186 CS pin. Enables serial com-
munications with the MAX186.
MAX186 DOUT pin. Transfers conver-
sion data from the MAX186 to the
80C32.
DOUT
P1.5
P1.4
SSTRB
MAX186 SSTRB pin. Provides the busy
output during internal clock mode (see
MAX186/MAX188 data sheet).
Not used
–
P1.3
P1.2
SHDN
Drives the MAX186 SHDN pin. Cut
jumper JU2 to float the SHDN pin.
Serial clock for data transfer
SCLK
P1.1
P1.0
VSS SEL
VSS select switches the MAX186 VSS
pin between ground and -5V. Logic low,
VSS = 0V; logic high, VSS = -5V.
FUNCTION
NAME
BIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com