Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C32MODULE-DIP Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # 80C32MODULE-DIP
Description  Unipolar 4.096V or Bipolar -2.048V to 2.048V Input Ranges
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

80C32MODULE-DIP Datasheet(HTML) 1 Page - Maxim Integrated Products

  80C32MODULE-DIP Datasheet HTML 1Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 2Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 3Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 4Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 5Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 6Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 7Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 8Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MAX186 Evaluation System/Evaluation Kit
________________________________________________________________ Maxim Integrated Products
1
19-0141; Rev. 2; 6/08
General Description
The MAX186 evaluation system (EV system) consists of
a MAX186 evaluation kit (EV kit) connected to a Maxim
80C32 microcontroller (µC) module. The unit connects
to an IBM-compatible personal computer running soft-
ware provided with the MAX186 EV kit. Both boards
come fully assembled and tested.
Using the EV system, the MAX186 input multiplexer can
be software-configured in a variety of single-ended or dif-
ferential modes with unipolar or bipolar input ranges. The
MAX186 can be evaluated with a VSS voltage of 0V or
-5V, selectable from the personal computer’s keyboard.
The EV system is also useful for evaluating the
MAX186’s shutdown feature. The MAX186 can be
operated in three states of readiness between conver-
sions. There are provisions for monitoring the supply
current in the different shutdown states, and for varying
the delay between conversions.
Order the EV system (MAX186EVSYS-DIP) for compre-
hensive evaluation of the MAX186 or MAX188 using a
personal computer. Order the EV kit (MAX186EVKIT-DIP)
if the 80C32 module (80C32MODULE-DIP) has already
been purchased with a previous Maxim EV system, or for
custom use in other µC-based systems. The MAX186 EV
kit can also perform limited evaluation on a stand-alone
basis (see the MAX186 EV Kit Quick Start section).
Features
♦ Includes EV Kit and 80C32 µC Module
♦ 12-Bit Resolution ADC
♦ Serial µC Interface
♦ Unipolar +4.096V or Bipolar -2.048V to +2.048V
Input Ranges
♦ Internal Reference Voltage
♦ Low Supply-Current Shutdown Mode
♦ Evaluates All Operating Modes
♦ Proven PCB Layout
♦ Prototyping Area Provided
♦ Digitizes 8 Analog Inputs
♦ Fully Assembled and Tested
Ordering Information
EV System
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim's website at www.maxim-ic.com.
PART
MAX186EVSYS-DIP
MAX186EVKIT-DIP
80C32MODULE-DIP
TEMP RANGE
0°C to +70°C
0°C to +70°C
0°C to +70°C
BOARD TYPE
Through-Hole
Through-Hole
Through-Hole


Similar Part No. - 80C32MODULE-DIP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
80C32MODULE-DIP MAXIM-80C32MODULE-DIP Datasheet
685Kb / 19P
Convenient Test Points Provided On-Board
Rev 1a; 8/05
More results

Similar Description - 80C32MODULE-DIP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7612 AD-AD7612 Datasheet
818Kb / 32P
16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7610 AD-AD7610 Datasheet
820Kb / 32P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD5726 AD-AD5726 Datasheet
523Kb / 20P
Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
4/07-Revision 0
AD7951BSTZ AD-AD7951BSTZ Datasheet
518Kb / 32P
14-Bit, 1 MSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. A
AD5725 AD-AD5725_15 Datasheet
493Kb / 20P
Quad, 12-Bit, Parallel Input, Unipolar/Bipolar, Voltage Output DAC
REV. C
AD7610 AD-AD7610_15 Datasheet
627Kb / 32P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR
REV. A
AD7612 AD-AD7612_15 Datasheet
525Kb / 32P
16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR
REV. A
AD7951 AD-AD7951_15 Datasheet
518Kb / 32P
14-Bit, 1 MSPS, Unipolar/Bipolar Programmable Input PulSAR
REV. A
logo
Intersil Corporation
ISL71091SEH20 INTERSIL-ISL71091SEH20 Datasheet
1Mb / 16P
2.048V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
logo
Renesas Technology Corp
ISL71091SEH20 RENESAS-ISL71091SEH20 Datasheet
1Mb / 16P
2.048V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com