Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL702-06 Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PLL702-06
Description  Clock Generator for Printer Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL702-06 Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL702-06 Datasheet HTML 1Page - PhaseLink Corporation PLL702-06 Datasheet HTML 2Page - PhaseLink Corporation PLL702-06 Datasheet HTML 3Page - PhaseLink Corporation PLL702-06 Datasheet HTML 4Page - PhaseLink Corporation PLL702-06 Datasheet HTML 5Page - PhaseLink Corporation PLL702-06 Datasheet HTML 6Page - PhaseLink Corporation PLL702-06 Datasheet HTML 7Page - PhaseLink Corporation PLL702-06 Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PLL702-06
Clock Generator for Printer Applications
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 10/26/05 Page 2
PIN DESCRIPTIONS
Name
Number
Type
Description
XIN
1
I
Crystal input to be connected to a 14.31818MHz fundamental crystal (CL =
20pF, parallel resonant mode). Load capacitors have been integrated on the
chip. No external Load capacitor is required.
XOUT
2
O
Crystal Output
VDDA
VDDD
GNDA
GNDD
3,4,11,12
P
3.3V power supply and GND.
VDDUSB
VDDCPU
GNDUSB
GNDCPU
5,6,8,10
P
CPU and USB outputs have separate power supply pins (VDD and GND).
VDDCPU can accept 3.3V and/or 2.5V power supply.
USB /
USB_SEL
7
B
Bi-directional pin. Upon power-on, the value of USB_SEL is latched in and used
to select the USB output (see USB selection table below). After the input has
been latched-in, the pin serves as USB (48, 30 or 12 MHz) output. 0=15k
Ω to
GND, M=leave open, 1=15k
Ω to VDD_USB
CPU
9
O
CPU clock signal output pin. The CPU clock frequency is selected as per the
frequency table on page 1, depending on the value of FS(0:1).
SS(0:1)
13,14
I
Bi-level input with internal Pull-up resistor for SST control (see Spread
Spectrum selection table on p.2). 0=connect to GND, 1=leave open (or to VDD).
FS(0:1)
15,16
I
Tri-level inputs for CPU clock frequency selection (see table on p.1). 0=connect
to GND, M=not connected, 1=connect to VDDA.
USB FREQUENCY TABLE
USB_SEL
USB
0
48 MHz
M
30 MHz
1
12 MHz
SPREAD SPECTRUM SELECTION TABLE
SS1
SS0
Spread Spectrum Modulation
0
0
OFF
0
1
- 0.50% – Down Spread
1
0
- 1.00% – Down Spread
1
1
- 1.25% – Down Spread



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com