Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL702-06 Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL702-06
Description  Clock Generator for Printer Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL702-06 Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL702-06 Datasheet HTML 1Page - PhaseLink Corporation PLL702-06 Datasheet HTML 2Page - PhaseLink Corporation PLL702-06 Datasheet HTML 3Page - PhaseLink Corporation PLL702-06 Datasheet HTML 4Page - PhaseLink Corporation PLL702-06 Datasheet HTML 5Page - PhaseLink Corporation PLL702-06 Datasheet HTML 6Page - PhaseLink Corporation PLL702-06 Datasheet HTML 7Page - PhaseLink Corporation PLL702-06 Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PLL702-06
Clock Generator for Printer Applications
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 10/26/05 Page 1
^: Internal pull-up resistor
*: Bi-directional pin
T: Tri-level Input
1
2
3
4
5
6
7
8
XIN
XOUT
VDDA
VDDD
GNDUSB
VDDUSB
USB/USB_SELT*
VDDCPU
Note :
FS0T
FS1T
SS0^
SS1^
GNDA
GNDD
GNDCPU
CPU
16
15
14
13
12
11
10
9
FEATURES
• 1 CPU Clock output with selectable frequencies (50,
66.67, 75, 80, 83.3, 90, 100,125 or 133 MHz).
• 1 Selectable 48, 30 or 12MHz USB Clock output.
• Selectable Spread Spectrum (SST) for EMI reduction
on CPU clock.
• PowerPC compatible CPU Clock.
• Advanced, low power, sub-micron CMOS processes.
• 14.31818MHz fundamental crystal input.
• 3.3V and/or 2.5V operation.
•
Available in 16-Pin 150mil SOP.
DESCRIPTION
The PLL702-06 is a low cost, low jitter, and high
performance clock synthesizer for generic Printer
applications. It provides one CPU clock and a selectable
48, 30 or 12MHz (USB) output. The user can choose
among 9 different clock frequencies and 3-selectable down-
spread Spread Spectrum modulation to reduce EMI on
CPU clock. All frequencies are generated from a single low
cost 14.31818MHz crystal. CPU clock can be driven from
an independent 2.5V or 3.3V power supply.
PIN CONFIGURATION
CPU CLOCK FREQUENCY TABLE
FS1
FS0
CPU (MHz)
0
0
50
0
M
66.67
0
1
75
M
0
80
M
M
83.33
M
1
90*
1
0
100
1
M
125
1
1
133*
BLOCK DIAGRAM
XTAL
OSC
XIN
XOUT
SS(0:1)
PLL
SST
Control
Logic
PLL
Control
Logic
USB_SEL
FS(0:1)
VDDUSB
USB
VDDCPU
CPU
*Notes: Actual CPU frequency for 90Mhz is 88.88Mhz, 133Mhz is 130.9Mhz


Similar Part No. - PLL702-06

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL702-01 PLL-PLL702-01 Datasheet
271Kb / 8P
Clock Generator for PowerPC Based Applications
PLL702-01XC PLL-PLL702-01XC Datasheet
271Kb / 8P
Clock Generator for PowerPC Based Applications
PLL702-01XC-R PLL-PLL702-01XC-R Datasheet
271Kb / 8P
Clock Generator for PowerPC Based Applications
PLL702-01XCL PLL-PLL702-01XCL Datasheet
271Kb / 8P
Clock Generator for PowerPC Based Applications
PLL702-01XCLR PLL-PLL702-01XCLR Datasheet
271Kb / 8P
Clock Generator for PowerPC Based Applications
More results

Similar Description - PLL702-06

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3705 SANYO-2SC3705 Datasheet
79Kb / 3P
Printer Driver Applications
logo
Texas Instruments
CDC5806 TI-CDC5806 Datasheet
112Kb / 8P
THREE PLLs BASED CLOCK GENERATOR FOR DIGITAL TV APPLICATIONS
logo
Cypress Semiconductor
C9851 CYPRESS-C9851 Datasheet
122Kb / 14P
Clock Generator for Pentium III Server and Workstation Applications
CY28159 CYPRESS-CY28159 Datasheet
146Kb / 13P
Clock Generator for Serverworks Grand Champion Chipset Applications
logo
PhaseLink Corporation
PLL702-01 PLL-PLL702-01 Datasheet
271Kb / 8P
Clock Generator for PowerPC Based Applications
logo
Hitachi Semiconductor
HD151TS301RP HITACHI-HD151TS301RP Datasheet
60Kb / 8P
Clock Generator for Printer
logo
SpectraLinear Inc
CY28159 SPECTRALINEAR-CY28159 Datasheet
233Kb / 12P
Clock Generator for Serverworks Grand Champion Chipset Applications
logo
PulseCore Semiconductor
ASM3P2187A PULSECORE-ASM3P2187A Datasheet
176Kb / 9P
Spread Spectrum Clock Generator for Mobile Applications
ASM3P2187A PULSECORE-ASM3P2187A_1 Datasheet
342Kb / 9P
Spread Spectrum Clock Generator for Mobile Applications
logo
Cypress Semiconductor
M200 CYPRESS-M200 Datasheet
477Kb / 17P
Two-PLL Programmable Clock Generator for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com