Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL702-06 Datasheet(PDF) 7 Page - PhaseLink Corporation

Part # PLL702-06
Description  Clock Generator for Printer Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL702-06 Datasheet(HTML) 7 Page - PhaseLink Corporation

  PLL702-06 Datasheet HTML 1Page - PhaseLink Corporation PLL702-06 Datasheet HTML 2Page - PhaseLink Corporation PLL702-06 Datasheet HTML 3Page - PhaseLink Corporation PLL702-06 Datasheet HTML 4Page - PhaseLink Corporation PLL702-06 Datasheet HTML 5Page - PhaseLink Corporation PLL702-06 Datasheet HTML 6Page - PhaseLink Corporation PLL702-06 Datasheet HTML 7Page - PhaseLink Corporation PLL702-06 Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PLL702-06
Clock Generator for Printer Applications
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
www.phaselin.com
Rev.
10/26/05
LAYOUT RECOMMENDATION
The following is the recommended layout for PhaseLink’s PLL702-06 in 16-pin SOIC package.
PCB LAYOUT CONSIDERATIONS FOR PERFORMANCE OPTIMIZATION
The following guidelines are to assist you with a performance optimized PCB design:
- Keep all the PCB traces to PL702-06 as short as
possible, as well as keeping all other traces as far
away from it as possible.
- Place the crystal as close as possible to both crystal
pins of the device. This will reduce the cross-talk
between the crystal and the other signals.
- Separate crystal pin traces from the other signals on
the PCB, but allow ample distance between the two
crystal pin traces.
- Place 0.01µF~0.1µF decoupling capacitors between
VDDs and GNDs (see above diagram), on the
component side of the PCB, close to the VDD pins. It
is not recommended to place these components on
the backside of the PCB. Going through vias will
reduce the signal integrity, causing additional jitter
and phase noise.
- It is highly recommended to keep the VDD and GND
traces as short as possible.
- When connecting long traces (> 1 inch) to a CMOS
output, it is important to design the traces as a
transmission line or ‘stripline’, to avoid reflections or
ringing. In this case, the CMOS output needs to be
matched to the trace impedance. Usually ‘striplines’
are designed for 50Ω impedance and CMOS outputs
usually have lower than 50Ω impedance so matching
can be achieved by adding a resistor in series with
the CMOS output pin to the ‘stripline’ trace.
- Please contact PhaseLink for the application note on
how to design outputs driving long traces or the
Gerber files for the PL702-06 layout.
- Please contact PhaseLink for a detailed crystal spec.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com