Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SF641B Datasheet(PDF) 39 Page - Dialog Semiconductor

Part # AT25SF641B
Description  64-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF641B Datasheet(HTML) 39 Page - Dialog Semiconductor

Back Button AT25SF641B Datasheet HTML 35Page - Dialog Semiconductor AT25SF641B Datasheet HTML 36Page - Dialog Semiconductor AT25SF641B Datasheet HTML 37Page - Dialog Semiconductor AT25SF641B Datasheet HTML 38Page - Dialog Semiconductor AT25SF641B Datasheet HTML 39Page - Dialog Semiconductor AT25SF641B Datasheet HTML 40Page - Dialog Semiconductor AT25SF641B Datasheet HTML 41Page - Dialog Semiconductor AT25SF641B Datasheet HTML 42Page - Dialog Semiconductor AT25SF641B Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
38
AT25SF641B
DS-AT25SF641B–191D–12-2020
11.1.3 WEL Bit
The WEL bit indicates the current status of the internal Write Enable Latch. When the WEL bit is in the logical “0”
state, the device does not accept any Byte/Page Program, erase, Program Security Register, Erase Security
Register, or Write Status Register commands. The WEL bit defaults to the logical “0” state after a device power-up
or reset operation. Also, the WEL bit is reset to the logical “0” state automatically under the following conditions:
•
Write Disable operation completes successfully
•
Write Status Register operation completes successfully or aborts
•
Program Security Register operation completes successfully or aborts
•
Erase Security Register operation completes successfully or aborts
•
Byte/Page Program operation completes successfully or aborts
•
Block Erase operation completes successfully or aborts
•
Chip Erase operation completes successfully or aborts
If the WEL bit is in the logical “1” state, it is not reset to a logical “0” if an operation aborts due to an incomplete or
unrecognized opcode being clocked into the device before the CS pin is deasserted. For the WEL bit to be reset
when an operation aborts prematurely, the entire opcode for a Byte/Page Program, erase, Program Security
Register, Erase Security Register, or Write Status Register command must have been clocked into the device.
11.1.4 RDY/BSY Bit
The RDY/BSY bit is used to determine whether or not an internal operation, such as a program or erase, is in
progress. To poll the RDY/BSY bit to detect the completion of a program or erase cycle, new Status Register data
must be continually clocked out of the device until the state of the RDY/BSY bit changes from a logical “1” to a
logical “0”.
11.1.5 LB3, LB2, LB1 Bits
The LB3, LB2, and LB1 bits are used to determine if any of the three Security Register pages are locked.
The LB3 bit is in the logical “1” state if Security Register page-2 is locked and cannot be erased or programmed.
The LB2 bit is in the logical “1” state if Security Register page-1 is locked and cannot be erased or programmed.
The LB1 bit is in the logical “1” state if Security Register page-0 is locked and cannot be erased or programmed.
11.1.6 E_SUS Bit
This bit is set and cleared by hardware and indicates the status of an erase operation. This bit is encoded as
follows:
0: Erase operation is not suspended (default)
1: Erase operation is suspended
Hardware clears this bit once the condition that caused the erase suspend operation has been removed. Hardware
typically sets this bit when a Program/Erase Suspend (75h) command is executed, and clears the bit when a
Program/Erase Resume (7Ah) command is executed.
11.1.7 P_SUS Bit
This bit is set and cleared by hardware and indicates the status of an program operation. This bit is encoded as
follows:
0: Program operation is not suspended (default)
1: Program operation is suspended
Hardware clears this bit once the condition that caused the program suspend operation has been removed.
Hardware typically sets this bit when a Program/Erase Suspend (75h) command is executed, and clears the bit
when a Program/Erase Resume (7Ah) command is executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com