Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SF641B Datasheet(PDF) 48 Page - Dialog Semiconductor

Part # AT25SF641B
Description  64-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF641B Datasheet(HTML) 48 Page - Dialog Semiconductor

Back Button AT25SF641B Datasheet HTML 44Page - Dialog Semiconductor AT25SF641B Datasheet HTML 45Page - Dialog Semiconductor AT25SF641B Datasheet HTML 46Page - Dialog Semiconductor AT25SF641B Datasheet HTML 47Page - Dialog Semiconductor AT25SF641B Datasheet HTML 48Page - Dialog Semiconductor AT25SF641B Datasheet HTML 49Page - Dialog Semiconductor AT25SF641B Datasheet HTML 50Page - Dialog Semiconductor AT25SF641B Datasheet HTML 51Page - Dialog Semiconductor AT25SF641B Datasheet HTML 52Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 59 page
background image
47
AT25SF641B
DS-AT25SF641B–191D–12-2020
12.6.1 Resume from Deep Power-Down and Read Device ID (ABh)
The Resume from Deep Power-Down command can also be used to read the Device ID. When used to release the
device from the Power-Down state and obtain the Device ID, the CS pin must first be asserted and opcode ABh
must be clocked into the device, followed by three dummy bytes. The Device ID bits are then shifted out on the
falling edge of SCLK with the most significant bit (MSB) first, as shown in Figure 12-7. This command only outputs
a single byte Device ID. The Device ID value for the AT25SF641B is listed in Table 12-1 on page 41.
After the last bit (0) of the Device ID has been clocked out, the sequence repeats itself, starting again with bit 7, as
long as the CS pin remains asserted and the SCK pin is being pulsed. After CS is deasserted, it must remain high
until new commands can be received.
The same instruction can be used to read the device ID when not in power down mode. In that case, CS does not
have to remain high remain after it is deasserted.
Figure 12-7. Resume from Deep Power-Down and Read Device ID
12.7 Hold Function
The HOLD pin is used to pause the serial communication with the device without having to stop or reset the clock
sequence. The Hold mode, however, does not affect any internally self-timed operations, such as a program or
erase cycle. Thus, if an erase cycle is in progress, asserting the HOLD pin does not pause the operation, and the
erase cycle continues until it is finished.
If the QE bit value in the Status Register has been set to logical “1”, the HOLD pin does not function as a control
pin. The HOLD pin functions as an output for Quad-Output Read and input/output for Quad-I/O Read.
The Hold mode can only be entered while the CS pin is asserted. The Hold mode is activated simply by asserting
the HOLD pin during the SCK low pulse. If the HOLD pin is asserted during the SCK high pulse, the Hold mode is
not started until the beginning of the next SCK low pulse. The device remains in the Hold mode as long as the
HOLD pin and CS pin are asserted.
While in the Hold mode, the SO pin is in a high-impedance state. Also, both the SI pin and the SCK pin are ignored.
The WP pin, however, can still be asserted or deasserted while in the Hold mode.
To end the Hold mode and resume serial communication, the HOLD pin must be deasserted during the SCK low
pulse. If the HOLD pin is deasserted during the SCK high pulse, the Hold mode does not end until the beginning of
the next SCK low pulse.
If the CS pin is deasserted while the HOLD pin is asserted, any operation that have been started are aborted, and
the device resets the WEL bit in the Status Register to the logical “0” state.
SCK
CS
SI
SO
06%
ICC
23
1
0

67
5
4
OPCODE
HIGH-IMPEDANCE
Deep Power-Down Mode Current
Active Current
31 32
30
29
38 39
37
35 36
34
33
XX
XXX
3 DUMMY BYTES
t
RDPO
MSB
DDDD
DDDD
DEVICE ID
Standby Mode Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com