Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SF641B Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # AT25SF641B
Description  64-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF641B Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button AT25SF641B Datasheet HTML 17Page - Dialog Semiconductor AT25SF641B Datasheet HTML 18Page - Dialog Semiconductor AT25SF641B Datasheet HTML 19Page - Dialog Semiconductor AT25SF641B Datasheet HTML 20Page - Dialog Semiconductor AT25SF641B Datasheet HTML 21Page - Dialog Semiconductor AT25SF641B Datasheet HTML 22Page - Dialog Semiconductor AT25SF641B Datasheet HTML 23Page - Dialog Semiconductor AT25SF641B Datasheet HTML 24Page - Dialog Semiconductor AT25SF641B Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
20
AT25SF641B
DS-AT25SF641B–191D–12-2020
7.6.2
Quad-I/O Word Fast Read with 8-, 16-, 32-, 64-Byte Wrap Around in Standard SPI Mode
The Quad-I/O Fast Read instruction also can be used to access a specific portion within a page by issuing a Set
Burst with Wrap (77h) instruction prior to E7h. The Set Burst with Wrap (77h) instruction can enable or disable the
Wrap Around feature for the following E7h instructions. When enabled, the data accessed can be limited to an 8-,
16-, 32-, or 64-byte section of a 256-byte page. The output data starts at the initial address specified in the
instruction when it reaches the ending boundary of the 8-, 16-, 32-, or 64-byte section. The output wraps around to
the beginning boundary automatically until CS is pulled high to terminate the instruction.
The Burst with Wrap feature allows applications that use cache to quickly fetch a critical address and then fill the
cache afterwards within a fixed length (8-, 16-, 32-, or 64-bytes) of data without issuing multiple read instructions.
The Set Burst with Wrap instruction allows three Wrap Bits (W6-4) to be set. W4 enables or disables the wrap
around operation; W5 specifies the length of the wrap around section within a page.
7.7
Read Serial Flash Discoverable Parameter (5Ah)
The Serial Flash Discoverable Parameter (SFDP) standard provides a consistent method of describing the
functional and feature capabilities of serial Flash devices in a standard set of internal parameter tables. These
parameter tables can be interrogated by host system software to enable adjustments needed to accommodate
divergent features from multiple vendors. SFDP is a JEDEC Standard, JESD216B. For more detailed SFDP
values, contact Adesto.
Figure 7-12. Read Serial Flash Discoverable Parameter Command Sequence Diagram
DDDDDDDD
XXXXXXXX
AAAAA
AAA
MSB
MSB
LSB
MSB
01011010
Output Data Byte 1
8 Dummy Cycles
Address Bits A
23-A0
Opcode
DS
23
1
06
7
5
4
10 11
9
829 30
12
33 34
32
31
37 38
36
35
41 42
40
39
45 46
44
43
SI
SCK
SO
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com