Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SL641-DWF Datasheet(PDF) 5 Page - Dialog Semiconductor

Part # AT25SL641-DWF
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL641-DWF Datasheet(HTML) 5 Page - Dialog Semiconductor

  AT25SL641-DWF Datasheet HTML 1Page - Dialog Semiconductor AT25SL641-DWF Datasheet HTML 2Page - Dialog Semiconductor AT25SL641-DWF Datasheet HTML 3Page - Dialog Semiconductor AT25SL641-DWF Datasheet HTML 4Page - Dialog Semiconductor AT25SL641-DWF Datasheet HTML 5Page - Dialog Semiconductor AT25SL641-DWF Datasheet HTML 6Page - Dialog Semiconductor AT25SL641-DWF Datasheet HTML 7Page - Dialog Semiconductor AT25SL641-DWF Datasheet HTML 8Page - Dialog Semiconductor AT25SL641-DWF Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
4
AT25SL641
DS-25SL641–113F–12/2018
Table 1-1.
Pin Descriptions
Symbol
Name and Function
Asserted
State
Type
CS
CHIP SELECT
When this input signal is high, the device is deselected and serial data output pins are at
high impedance. Unless an internal program, erase or write status register cycle is in
progress, the device will be in the standby power mode (this is not the deep power down
mode). Driving Chip Select (CS) low enables the device, placing it in the active power
mode. After power-up, a falling edge on Chip Select (CS) is required prior to the start of
any instruction.
Low
Input
SCK
SERIAL CLOCK
This input signal provides the timing for the serial interface. Instructions, addresses, or
data present at serial data input are latched on the rising edge of Serial Clock (SCK).
Data are shifted out on the falling edge of the Serial Clock (SCK).
-
Input
SI (I/O
0)
SERIAL INPUT
The SI pin is used to shift data into the device. The SI pin is used for all data input
including command and address sequences. Data on the SI pin is always latched in on
the rising edge of SCK.
With the Dual-Output and Quad-Output Read commands, the SI Pin becomes an output
pin (I/O
0) in conjunction with other pins to allow two or four bits of data on (I/O3-0) to be
clocked in on every falling edge of SCK
To maintain consistency with the SPI nomenclature, the SI (I/O
0) pin is referenced as the
SI pin unless specifically addressing the Dual-I/O and Quad-I/O modes in which case it is
referenced as I/O
0.
Data present on the SI pin is ignored whenever the device is deselected (CS is
deasserted).
-
Input/Output
SO (I/O
1)
SERIAL OUTPUT
The SO pin is used to shift data out from the device. Data on the SO pin is always
clocked out on the falling edge of SCK.
With the Dual-Output Read commands, the SO Pin remains an output pin (I/O0) in
conjunction with other pins to allow two bits of data on (I/O1-0) to be clocked in on every
falling edge of SCK
To maintain consistency with the SPI nomenclature, the SO (I/O1) pin is referenced as
the SO pin unless specifically addressing the Dual-I/O modes in which case it is
referenced as I/O
1. The SO pin is in a high-impedance state whenever the device is
deselected (CS is deasserted).
-
Input/Output
WP (I/O
2)
WRITE PROTECT
The Write Protect (WP) pin can be used to protect the Status Register against data
modification. Used in company with the Status Register's Block Protect (SEC, TB, BP2, BP1
and BP0) bits and Status Register Protect SRP) bits, a portion or the entire memory array can
be hardware protected. The WP pin is active low. When the QE bit of Status Register-2 is set
for Quad I/O, the WP pin (Hardware Write Protect) function is not available since this pin is
used for IO
2. See figures 1-1, 1-2, and 1-3 for the pin configuration of Quad I/O and QPI
operation.
-
Input/Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com